Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2921 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology LTC2921 Datasheet HTML 15Page - Linear Technology LTC2921 Datasheet HTML 16Page - Linear Technology LTC2921 Datasheet HTML 17Page - Linear Technology LTC2921 Datasheet HTML 18Page - Linear Technology LTC2921 Datasheet HTML 19Page - Linear Technology LTC2921 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2921/LTC2922 Series
16
29212fa
APPLICATIO S I FOR ATIO
Selecting RB1 = 243k satisfies the range restrictions be-
low:
Rk
VV
VA
k
k
Rk
VV
V
V
B MAX
B MIN
1
1
49 9
10 01
10 01
3 0525
0 505
0 505
0 1
49 9
244 3
49 9
10 01
10 01
3 5475
0 250
0 665
0 665
0 1
()
()
.•
–.
.
•
.– .
..
•
.
.
.•
.
–.
•
..
– .
.– .
=
+


+µ


=
=
+


+
µµ


=
Ak
k
•.
.
49 9
241 6
Similar calculations for the 2.5V supply yield suitable
standard 1% values of RA2 = 49.9k and RB2 = 169k.
R
V
A
kk
Rk
VV
VA
k
k
Rk
V
A
B MAX
B MIN
2
2
2
0 500
10
50
49 9
49 9
10 01
10 01
2 3125
0 505
0 505
0 1
49 9
173 3
49 9
10 01
10 01
2 6875
=
µ
=≈
=
+


+µ


=
=
+


.
.
.•
–.
.
•
.– .
..
•
.
.
.•
.
–.
•
.
()
()
++
µ


=
0 150
0 665
0 665
0 1
49 9
167 6
.– .
.– .
•
.
.
VV
VA
k
k
Tie the unused V3 and V4 monitor pins to V2 for proper
operation.
2921/22 F12
RX0
100
Ω
RG0
10
Ω
LTC2921
VCC
SENSE
RX1
100
Ω
RX2
100
Ω
R2
4.7k
RA2
49.9k
1%
RA1
49.9k
1%
RB2
169k
1%
RB1
243k
1%
VOUT
VFB
VOUT
VFB
VOUT
VFB
RG1
10
Ω
RG2
10
Ω
V1
V2
V3
V4
S1
S2
S3
GATE
PG
D1
D2
D3
GND
TIMER
QRST
Si1012R
CBRST
5V = 7.5%
3.3V = 7.5%
2.5V = 7.5%
Q0
Si2316DS
Q1
Si2316DS
Q2
Si2316DS
RSENSE
WSL1206
0.05
Ω, 1%
CTIMER
0.22
µF
10V
5V
LOAD
0.8A MAX
3.3V
LOAD
1.6A MAX
2.5V
LOAD
0.4A MAX
RESET
CGATE
0.47
µF
25V
CD0
0.1
µF
25V
CD1
0.1
µF
25V
CD2
0.1
µF
25V
CBYP
10
µF
25V
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
R1
100k
CIRCUIT BREAKER
RESET CONTROL
15
14
13
12
10
8
6
16
11
1
2
3
4
9
7
5
Figure 12. Design Example of a Three-Supply Tracker and Monitor (5V, 3.3V, 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com