Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2928 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2928
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2928 Datasheet HTML 9Page - Linear Technology LTC2928 Datasheet HTML 10Page - Linear Technology LTC2928 Datasheet HTML 11Page - Linear Technology LTC2928 Datasheet HTML 12Page - Linear Technology LTC2928 Datasheet HTML 13Page - Linear Technology LTC2928 Datasheet HTML 14Page - Linear Technology LTC2928 Datasheet HTML 15Page - Linear Technology LTC2928 Datasheet HTML 16Page - Linear Technology LTC2928 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2928
13
2928f
OPERATIO
At the beginning of the sequence-up phase, a current
source begins to charge the STMR capacitance. When the
sequence timer has expired the CAS pin pulls low. At this
time, any enable (EN) scheduled (using the RT inputs) for
“timeposition1”pullshigh,allowingasupply(orsupplies)
to be turned on. The CAS pin is held low until all monitored
inputs in the current time position exceed their selected
sequencing-up threshold (25μs minimum).
Once all supply monitor inputs cross their sequencing-up
threshold, or if no enable was selected for the current time
position, the CAS pin is allowed to pull high. The STMR
capacitor begins to charge again, moving the system to
“time position 2”. This process repeats until the system
is clocked through “time position 8”.
During the sequence-up phase, supply monitor inputs are
expectedtocrosstheirsequence-upthreshold(whichmay
bedifferentfromtheirundervoltagethreshold).Anysupply
monitor input failing to cross its sequence-up threshold
will stall the process and a sequence-up fault is gener-
ated (if the power-good timer is active). The power-good
timer starts with the first enable output to go high and is
cleared when the last supply monitor input reaches its
undervoltage threshold. Any supply monitor input failing
to cross its sequence-up threshold before the power-
good timer expires also generates a sequence-up fault. A
sequence-up fault pulls FLT and all supply enable outputs
(EN) low. Use a single capacitor from PTMR to ground to
select the power good time. To disable the power good
timer, simply tie PTMR to ground.
Each comparator switches to its undervoltage threshold
when the respective supply monitor input crosses its
sequence-up threshold. The comparator outputs are
allowed to pull high after the LTC2928 clocks through
time position 8.
After a system fault, fault information is latched to the
CMP outputs. Read the CMP outputs to obtain the fault
type(internallygeneratedsequence-fault,reset-fault,com-
mand-fault or an externally generated fault) and the fault
channel (if any). For more details refer to the discussion
on system faults later in this document.
After the system has clocked through “time position 8”,
the last LTC2928 (defined by a 2.4k to 5.1k pull-up resistor
on DONE) pulls down on DONE.
Supply Monitor Phase
Once all supply monitor inputs have crossed their
sequence-up thresholds, the LTC2928 enters its supply
monitor phase. As referred to earlier, the comparators
switch to their highly accurate undervoltage thresholds
after crossing their sequence-up threshold. The monitor
thresholds maintain 1.5% accuracy over temperature.
RST pulls high after all supply monitor inputs (V1 to V4)
have been above their undervoltage threshold for the
selected reset delay time. The reset delay is set with a
capacitor attached between RTMR and ground.
The supply monitor comparators will filter out minor
glitches coupled to their inputs. If any supply falls below
threshold with sufficient magnitude and duration, the
RST line pulls low. The reset timer starts once all inputs
return above threshold.
The LTC2928 can be configured to issue a fault if RST
pulls low due to an undervoltage event (see master/slave
configuration table in Applications Information). Upon a
RST fault, FLT and the enable outputs pull low. Use the
fault report capability to determine which input was below
threshold. For more details refer to the discussion on
system faults later in this document.
The reset disable input (RDIS) may be pulled high or low
to force RST high regardless of voltage monitor level. This
feature is useful during voltage margining tests.
Sequence-Down Phase
The sequence-down phase is initiated by pulling the ON
input below 0.97V. This action pulls RST low immediately.
Thecomparatorthresholds(andREFfornegativesupplies)
are moved to their selected sequence-down thresholds.
Beginningwithanysuppliesin“timeposition8”,theenable
outputs are sequenced-down by pulling enable low in the
reverse order of sequence-up (last on, first off).
During the sequence-down phase, supply monitor
inputs are expected to cross their sequence-down
thresold (which may be different from their undervoltage
threshold) within the selected power good time. Any
supply monitor input failing to cross its sequence-down
thresholdwillstalltheprocessandasequence-downfaultis
generated (if the power-good timer is active).The power-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com