Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2922IF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2922IF
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2922IF Datasheet(HTML) 3 Page - Linear Technology

  LTC2922IF Datasheet HTML 1Page - Linear Technology LTC2922IF Datasheet HTML 2Page - Linear Technology LTC2922IF Datasheet HTML 3Page - Linear Technology LTC2922IF Datasheet HTML 4Page - Linear Technology LTC2922IF Datasheet HTML 5Page - Linear Technology LTC2922IF Datasheet HTML 6Page - Linear Technology LTC2922IF Datasheet HTML 7Page - Linear Technology LTC2922IF Datasheet HTML 8Page - Linear Technology LTC2922IF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2921/LTC2922 Series
3
29212fa
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V for LTC2921/LTC2922, VCC = 3.3V for
LTC2921-3.3/LTC2922-3.3, and VCC = 2.5V for LTC2921-2.5/LTC2922-2.5, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
LTC2921 Series: TJ = TA + (PD • 110°C/W)
LTC2922 Series: TJ = TA + (PD • 90°C/W)
Note 3: This specification applies to all switches, and is measured with
VS < VD.
Note 4: The PG pin will rise to approximately the same voltage as the
GATE pin when not pulled up or pulled down by external resistance.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC(UVLO)
Supply Undervoltage Lockout
VCC Rising
q
2.08
2.20
2.30
V
VCC(UVH)
Supply Undervoltage Hysteresis
VCC Falling
120
mV
Electronic Circuit Breaker
∆VSENSE
Circuit Breaker Trip Voltage
∆VSENSE = VCC - VSENSE
q
45
50
55
mV
ISENSE
SENSE Pin Input Current
150
500
nA
tV1(DLY)
Circuit Breaker Trip Delay Time
VCC - VSENSE = 150mV
LTC2921/LTC2922
0.5
1.5
3.0
µs
LTC2921-3.3/LTC2922-3.3
0.5
1.5
3.0
µs
LTC2921-2.5/LTC2922-2.5
0.5
1.5
6.0
µs
tV1(RST)
Circuit Breaker Reset Pulse Width
Guaranteed Not to Reset
q
50
µs
Guaranteed to Reset
q
150
µs
VV1(RST)
Circuit Breaker Reset Threshold Voltage
q
0.490
0.500
0.510
V
Monitor Inputs
VMON
V1-V4 Monitor Threshold Voltages
0.495
0.500
0.505
V
q
0.492
0.500
0.508
V
VOV
V1-V4 Overvoltage Thresholds
q
0.665
0.700
0.735
V
IMON
V1-V4 Input Currents
±0.1
µA
TIMER Pin
VTIMER(TH)
TIMER Ramp Threshold Voltage
q
1.15
1.20
1.25
V
ITIMER(PU)
TIMER Pull-Up Current
VTIMER = 1V
q
–1.3
–2.0
–2.5
µA
ITIMER(PD)
TIMER Pull-Down Current
VCC = 2.35V, VTIMER = 0.4V
100
µA
VTIMER(CLR)
TIMER Cleared Threshold Voltage
VTIMER Falling
150
250
mV
GATE Pin
VGATE
GATE Drive Output Voltage
LTC2921/LTC2922
q
10.0
11.1
12.2
V
LTC2921-3.3/LTC2922-3.3
q
8.4
9.1
9.8
V
LTC2921-2.5/LTC2922-2.5
q
6.1
6.8
7.5
V
IGATE(PU)
GATE Pull-Up Current
VGATE = VCC
q
–6.5
–10.0
–12.5
µA
IGATE(PD)
GATE Pull-Down Current
VCC = 2.35V, VGATE = 2.35V
10
mA
Remote Sense Switches
RDS(FB)
Feedback Switch Resistances (Note 3)
VD = VCC
q
210
Ω
PG Pin
IPG(PU)
PG Pull-Up Current
VPG = VCC
q
–2.6
–4.0
–5.0
µA
IPG(PD)
PG Pull-Down Current
VCC = 2.35V, VPG = 2.35V
10
mA
VPG(OL)
PG Output Low Voltage
VCC = 2.35V, IPG = 5mA
q
0.4
V
VPG
PG Output Voltage (Note 4)
LTC2921/LTC2922
q
10.0
11.1
12.2
V
LTC2921-3.3/LTC2922-3.3
q
8.4
9.1
9.8
V
LTC2921-2.5/LTC2922-2.5
q
6.1
6.8
7.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com