Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2952 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 9Page - Linear Technology LTC2952 Datasheet HTML 10Page - Linear Technology LTC2952 Datasheet HTML 11Page - Linear Technology LTC2952 Datasheet HTML 12Page - Linear Technology LTC2952 Datasheet HTML 13Page - Linear Technology LTC2952 Datasheet HTML 14Page - Linear Technology LTC2952 Datasheet HTML 15Page - Linear Technology LTC2952 Datasheet HTML 16Page - Linear Technology LTC2952 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2952
13
2952f
OPERATION
The LTC2952 is designed to simplify applications requiring
management of multiple power sources. The three main
features of the part are: push-button control, ideal diode
power paths and system monitoring. The block diagram
on the previous page shows the part divided into its main
functional blocks.
The push-button detect block is responsible for debounc-
ing any push-button event on the
⎯P⎯B pin. Note that the ON
and OFF debounce times can be configured independently
by using two separate capacitors on the ONT and OFFT
pins respectively. A valid push-button on event will set
the EN pin high impedance and a valid off event will drive
the EN pin low.
In a typical application the EN pin is tied to the shutdown
pin of a DC/DC converter. Therefore by toggling the EN pin,
the push-button pin has a direct control over the enabling/
disabling of an external DC/DC converter. This control of
system turn-on/off is done in a graceful manner which
ensures proper system power up and power down.
The ideal diode drivers regulate two external P-channel
MOSFETs to achieve low loss switchover between two DC
sources. Each driver regulates the gate of the PFET such
that the voltage drop across its source and drain is 20mV.
When the load current is larger than the PFET ability to
deliver such current with a 20mV drop across its source
and drain, the voltage at the gate clamps at VG(ON) and
the PFET behaves like a fixed value resistor.
Besides providing ideal-diode power paths and control
of system power turn-on/off, the LTC2952 also provides
system monitoring function via the VM, WDE,
⎯R⎯S⎯TandPFI,
⎯P⎯F⎯O pins. The voltage monitoring (VM) and the watchdog
(WDE) input pins determine the state of the
⎯R⎯S⎯Toutputwith
200ms reset time and 1.6s watchdog time. The PFI and
⎯P⎯F⎯O
pins are the input and output of an accurate comparator
that can be used as an early power fail monitor.
The
⎯K⎯I⎯L⎯L, M1 and M2 pins are the inputs to accurate
comparators with 0.5V threshold. The outputs of these
comparators interact with the logic block to alter the ideal-
diode power paths and the push-button control behavior.
Specifically, the
⎯K⎯I⎯L⎯L input provides the system with a
capability to turn off system power at any point during
operation. The M1 and M2 pins are mode pins that con-
figure the part to have different behaviors in the power
path switchover of the two DC sources.
Figure 1 shows the four different typical configurations
of the LTC2952. In Configuration A, both of the ideal-
diode power paths are always enabled which results in
an automatic switchover between the two DC sources.
Configuration C is similar to A except for the push-button
input which now controls both the EN pin and the ideal
diode power paths.
In Configurations B and D, M2 is used as a voltage monitor.
In B, when the M2 input is above its threshold the primary
ideal diode power path is disabled. In D, M2 needs to be
above threshold before
⎯P⎯B has control over the EN pin
and the ideal diode power paths. Furthermore in D, the
rising and falling edges on M2 are interpreted as turn-on
and turn-off commands respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com