Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3207 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 2 Page - Linear Technology

  LTC3207 Datasheet HTML 1Page - Linear Technology LTC3207 Datasheet HTML 2Page - Linear Technology LTC3207 Datasheet HTML 3Page - Linear Technology LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3207/LTC3207-1
2
3207fc
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VBAT, DVCC, CPO........................................... –0.3V to 6V
ULED1 to ULED12, CAM .............................. –0.3V to 6V
SDA, SCL, ENU, CAMHL .............–0.3V to (DVCC + 0.3V)
ICPO
Continuous (Note 3) ........................................350mA
Pulsed at 10% Duty Cycle................................600mA
ICAM
Continuous (Note 3) ........................................300mA
Pulsed at 10% Duty Cycle................................460mA
CPO Short-Circuit Duration .............................. Indefinite
Operating Temperature Range (Note 2).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Operating Voltage
●
2.9
5.5
V
IVBAT Operating Current
ICPO = 0, 1x Mode
ICPO = 0, 1.5x Mode
ICPO = 0, 2x Mode
0.5
2.9
4.1
mA
mA
mA
DVCC UVLO Threshold
1V
DVCC Operating Voltage
●
1.5
5.5
V
VBAT UVLO Threshold
1.5
V
VBAT Shutdown Current
●
3.2
7
µA
DVCC Shutdown Current
●
1µA
Universal LED Current, 6-Bit Linear DACs, ULED = 1V
Full-Scale LED Current
●
24.2
27.5
31
mA
Minimum (1LSB) LED Current
0.436
mA
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
CPO
ULED1
ULED2
ULED3
ULED4
ULED5
ULED12
ULED11
ULED10
ULED9
ULED8
ULED7
25
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENU = Hi, CAMHL = LO, C1 = C2 = C3 = 2.2µF,
C4 = 4.7µF, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3207EUF#PBF
LTC3207EUF#TRPBF
3207
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC3207EUF-1#PBF
LTC3207EUF-1#TRPBF
32071
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com