Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3402 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 4 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3402
3402fb
TYPICAL PERFOR A CE CHARACTERISTICS
Converter Efficiency 1.2V to 3.3V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3402 G07
0
1
300kHz
3MHz
1MHz
Burst Mode
OPERATION
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3402 G08
0
1
300kHz
3MHz
1MHz
Burst Mode
OPERATION
VIN (V)
0.8
0
100
200
300
0.9
1
1.1
1.2
3402 G09
1.3
400
500
1.4
TA = 25°C
Converter Efficiency 2.4V to 3.3V
Start-Up Voltage
vs IOUT
Converter Efficiency 3.6V to 5V
LOAD CURRENT (mA)
0.1
0
10
30
40
50
100
70
3402 G10
20
80
90
60
110
100
1000
1MHz
FIXED
FREQUENCY
Burst Mode OPERATION
VIN = 3.6V
Efficiency Loss Without Schottky
vs Frequency
FREQUENCY (MHz)
0.2
8
10
14
1.4
2.2
3402 G11
6
4
0.6
1.0
1.8
2.6
3.0
2
0
12
TA = 25°C
Current Limit
TEMPERATURE (
°C)
–55
2.6
2.8
3.0
65
125
3402 G12
2.4
2.2
2.0
–15
25
105
3.2
3.4
(TA = 25°C unless otherwise noted)
EA FB Voltage
Oscillator Frequency Accuracy
TEMPERATURE (
°C)
–55
1.23
1.24
1.25
65
125
3402 G13
1.22
–15
25
105
1.26
1.27
1.28
TEMPERATURE (
°C)
–55
2.00
65
125
3402 G14
1.95
1.90
–15
25
105
2.05
2.10
Rt = 15k
NMOS RDS(ON)
TEMPERATURE (
°C)
–55
0.15
65
125
3402 G22
0.10
0.05
–15
25
105
0.20
0.25
0.30
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com