Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3412 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology LTC3412 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3412
6
3412fb
PI FU CTIO S
SVIN (Pin 1/Pin 11): Signal Input Supply. Decouple this
pin to SGND with a capacitor. Normally SVIN is equal to
PVIN. SVIN can be greater than PVIN but keep the voltage
difference between SVIN and PVIN less than 0.5V.
PGOOD (Pin 2/Pin 12): Power Good Output. Open-drain
logic output that is pulled to ground when the output
voltage is not within ±7.5% of regulation point.
ITH (Pin 3/Pin 13): Error Amplifier Compensation Point.
The current comparator threshold increases with this
control voltage. Nominal voltage range for this pin is from
0.2V to 1.4V with 0.2V corresponding to the zero-sense
voltage (zero current).
VFB (Pin 4/Pin 14): Feedback Pin. Receives the feedback
voltage from a resistive divider connected across the
output.
RT (Pin 5/Pin 15): Oscillator Resistor Input. Connecting a
resistor to ground from this pin sets the switching fre-
quency.
SYNC/MODE (Pin 6/Pin 16): Mode Select and External
Clock Synchronization Input. To select forced continuous,
tie to SVIN. Connecting this pin to a voltage between 0V and
1V selects Burst Mode operation with the burst clamp set
to the pin voltage.
RUN/SS (Pin 7/Pin 1): Run Control and Soft-Start Input.
Forcing this pin below 0.5V shuts down the LTC3412. In
shutdown all functions are disabled drawing < 1μA of
supply current. A capacitor to ground from this pin sets the
ramp time to full output current.
SGND (Pin 8/Pin 2): Signal Ground. All small-signal
components, compensation components and the exposed
pad on the bottom side of the IC should connect to this
ground, which in turn connects to PGND at one point.
PVIN(Pins9,16/Pins3,10):PowerInputSupply.Decouple
this pin to PGND with a capacitor.
SW (Pins 10, 11, 14, 15/Pins 4, 5, 8, 9): Switch Node
Connection to the Inductor. This pin connects to the drains
of the internal main and synchronous power MOSFET
switches.
PGND (Pins 12, 13/Pins 6, 7): Power Ground. Connect
this pin close to the (–) terminal of CIN and COUT.
Exposed Pad (Pin 17/Pin 17): Signal Ground. Must be
soldered to PCB for electrical connection and thermal
performance.
(FE/UH Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com