Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3440 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3440 Datasheet HTML 9Page - Linear Technology LTC3440 Datasheet HTML 10Page - Linear Technology LTC3440 Datasheet HTML 11Page - Linear Technology LTC3440 Datasheet HTML 12Page - Linear Technology LTC3440 Datasheet HTML 13Page - Linear Technology LTC3440 Datasheet HTML 14Page - Linear Technology LTC3440 Datasheet HTML 15Page - Linear Technology LTC3440 Datasheet HTML 16Page - Linear Technology LTC3440 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3440
3440fb
APPLICATIO S I FOR ATIO
Output Voltage > 4.3V
A Schottky diode from SW to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a 2
Ω/
1nF series snubber is required between the SW1 pin and
GND. A Schottky diode such as the Phillips PMEG2010EA
or equivalent from SW1 to VIN should also be added as
close to the pins as possible. For the higher input voltages
VIN bypassing becomes more critical, therefore, a ceramic
bypass capacitor as close to the VIN and GND pins as
possible is also required.
Operating Frequency Selection
There are several considerations in selecting the operating
frequency of the converter. The first is, what are the
sensitive frequency bands that cannot tolerate any spec-
tral noise? For example, in products incorporating RF
communications, the 455kHz IF frequency is sensitive to
any noise, therefore switching above 600kHz is desired.
Some communications have sensitivity to 1.1MHz and in
that case a 2MHz converter frequency may be employed.
Other considerations are the physical size of the converter
and efficiency. As the operating frequency goes up, the
inductor and filter capacitors go down in value and size.
The trade off is in efficiency since the switching losses due
to gate charge are going up proportional with frequency.
Additional quiescent current due to the output switches
GATE charge is given by:
Buck: 500e–12 • VIN • F
Boost: 250e–12 • (VIN + VOUT) • F
Buck/Boost: F • (750e–12 • VIN + 250e–12 • VOUT)
where F = switching frequency
Closing the Feedback Loop
The LTC3440 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(Buck, Boost, Buck-Boost), but is usually no greater than
15. The output filter exhibits a double pole response is
given by:
f
LC
Hz in Buck
e
FILTER POLE
OUT
_
••
•
mod
=
π
1
2
()
f
V
LV
Hz in Boost
e
FILTER POLE
IN
OUT
_
••
mod
=
π
2
()
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
Hz
FILTER ZERO
ESR
OUT
_
••
•
=
π
1
2
where RESR is the capacitor equivalent series resistance.
A troublesome feature in Boost mode is the right-half
plane zero (RHP), and is given by:
f
V
IL V
Hz
RHPZ
IN
OUT
OUT
=
π
2
2• •
• •
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorpo-
rated to stabilize the loop but at a cost of reduced band-
width and slower transient response. To ensure proper
phase margin, the loop requires to be crossed over a
decade before the LC double pole.
The unity-gain frequency of the error amplifier with the
Type I compensation is given by:
f
RCP
Hz
UG
=
π
1
21
1
••
•
Most applications demand an improved transient response
to allow a smaller output filter capacitor. To achieve a
higher bandwidth, Type III compensation is required. Two
zeros are required to compensate for the double-pole
response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com