Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3445 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3445
Description  I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3445 Datasheet(HTML) 2 Page - Linear Technology

  LTC3445 Datasheet HTML 1Page - Linear Technology LTC3445 Datasheet HTML 2Page - Linear Technology LTC3445 Datasheet HTML 3Page - Linear Technology LTC3445 Datasheet HTML 4Page - Linear Technology LTC3445 Datasheet HTML 5Page - Linear Technology LTC3445 Datasheet HTML 6Page - Linear Technology LTC3445 Datasheet HTML 7Page - Linear Technology LTC3445 Datasheet HTML 8Page - Linear Technology LTC3445 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC3445
3445fa
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3445EUF
TJMAX = 125°C, θJA = 37°C/W, θJC = 2.6°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
VTRACK
VBACKUP
VCC1
PGOOD
ADD7
SDA
VCC BATT
FB
NC
RUN
SW
NC
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = VCC2 = 3.6V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
UF PART MARKING
3445
VCC1, VCC2, SDA, SCL Voltages .................. –0.3V to 6V
RUN, VTRACK, VBACKUP, PGOOD, ADD7,
ADD6, FB, VCC BATT,
BATTFAULT Voltages .............................. – 0.3V to VCC1
SW Voltage ................................ – 0.3V to (VCC1 + 0.3V)
LDO1FB, LDO2FB Voltages ..................... – 0.3V to VCC2
LDO1, LDO2 Voltages ................ – 0.3V to (VCC2 + 0.3V)
LDO1, LDO2 Source Current ............................... 50mA
VCC BATT Source Current ...................................... 8mA
P-Channel Switch Source Current (DC) ............. 800mA
N-Channel Switch Sink Current (DC) ................. 800mA
Peak SW Sink and Source Current ........................ 1.3A
LDO1, LDO2, VCC BATT Output Short-Circuit
Duration .......................................................... Indefinite
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. –65
°C to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC1, VCC2
Input Voltage Range
●
2.5
5.5
V
RUN
Run Threshold
●
0.3
1
1.5
V
PGOOD
Reports Undervoltage of any Regulator
PGOOD = 0.4V
●
3mA
IS
DC Bias Current (Shutdown)
RUN = 0
27
50
µA
DC Bias Current (Buck, LDO1, LDO2 Disabled)
RUN = VCC1
105
150
µA
Buck Regulator
RFB
Feedback Resistance
340
k
Ω
VOUT(MIN)
Regulated Output Voltage
IOUT = 100mA, Burst Mode Operation
●
0.824
0.850
0.875
V
Disabled
VOUT(MAX)
Regulated Output Voltage
IOUT = 100mA, Burst Mode Operation
●
1.504
1.55
1.597
V
Disabled
VOUT(STEP)
Output Voltage Step Size (0 to 48)
IOUT = 100mA
●
13.1
14.7
16.1
mV
Output Voltage Slew Rate = 00
IOUT = 100mA, VOUT = 0.85V to 1.55V
11.3
mV/
µs
Output Voltage Slew Rate = 01
IOUT = 100mA, VOUT = 0.85V to 1.55V
7.5
mV/
µs
Output Voltage Slew Rate = 10
IOUT = 100mA, VOUT = 0.85V to 1.55V
3.8
mV/
µs
Output Voltage Slew Rate = 11
IOUT = 100mA, VOUT = 0.85V to 1.55V
0.9
mV/
µs
IPK
Peak Inductor Current
VCC1 = 3V, VFB = 0.5V or VOUT = 90%,
0.75
1
1.25
A
Duty Cycle < 35%
VLOADREG
Output Voltage Load Regulation
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com