Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTP1270 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPTP1270
Description  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTP1270 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPTP1270 Datasheet HTML 1Page - Green Power Solutions srl GPTP1270 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTP1270
Document GPTP1270T001
Maximum surge current
d.s. cooled
0
5
10
15
20
25
30
35
1
10
100
Number of cycle current pulses [n]
On-state voltage drop
0
1000
2000
3000
4000
5000
6000
0
0,5
1
1,5
2
VT [V]
Tj=Tjmax
Thermal impedance (j-c)
0
0,002
0,004
0,006
0,008
0,01
0,012
0,014
0,016
0,001
0,01
0,1
1
10
100
Time [s]
Current rating - sine wave
50
70
90
110
130
150
170
0
400
800
1200 1600 2000 2400 2800
IT [A]
180°
90°
120°
60°
30°
Power loss - sine wave
0
1000
2000
3000
4000
5000
0
400
800
1200 1600 2000 2400 2800
IT[A]
180°
120°
90°
60°
30°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
On-state voltage drop
0
1000
2000
3000
4000
5000
6000
0,5
1
1,5
2
VT [V]
Tj=Tjmax
dimensions mm
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com