Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3547B Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3547B
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547B Datasheet(HTML) 5 Page - Linear Technology

  LTC3547B Datasheet HTML 1Page - Linear Technology LTC3547B Datasheet HTML 2Page - Linear Technology LTC3547B Datasheet HTML 3Page - Linear Technology LTC3547B Datasheet HTML 4Page - Linear Technology LTC3547B Datasheet HTML 5Page - Linear Technology LTC3547B Datasheet HTML 6Page - Linear Technology LTC3547B Datasheet HTML 7Page - Linear Technology LTC3547B Datasheet HTML 8Page - Linear Technology LTC3547B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3547B
5
3547bfb
LOAD CURRENT (mA)
0
150
3547b G13
0.8
0.6
0.2
50
100
200
0
–0.2
1.2
1.O
0.4
250
300
350
PULSE SKIP MODE
OPERATION
VIN = 3.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN (V)
2.5
4
3547b G14
0.4
0.2
–0.2
3
3.5
4.5
–0.4
–0.6
0.6
0
5
5.5
VOUT = 1.8V
ILOAD = 100mA
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547b G12
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
200μs/DIV
IL
100mA/DIV
RUN
2V/DIV
VOUT
1V/DIV
3547b G15
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
Efficiency vs Load Current
Load Regulation
Line Regulation
Start-Up From Shutdown
Start-Up From Shutdown
Load Step
Load Step
Load Step
TYPICAL PERFOR A CE CHARACTERISTICS
250μs/DIV
IL
200mA/DIV
RUN
2V/DIV
VOUT
1V/DIV
3547b G16
VIN = 3.6V
VOUT = 1.8V
ILOAD = 300mA
10μs/DIV
IL
200mA/DIV
ILOAD
200mA/DIV
VOUT,
AC-COUPLED
100mV/DIV
3547b G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 300mA
10μs/DIV
IL
200mA/DIV
ILOAD
200mA/DIV
VOUT,
AC-COUPLED
100mV/DIV
3547b G18
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 300mA
10μs/DIV
IL
200mA/DIV
ILOAD
200mA/DIV
VOUT,
AC-COUPLED
100mV/DIV
3547b G17
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com