Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3563 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 4 Page - Linear Technology

  LTC3563 Datasheet HTML 1Page - Linear Technology LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3563
4
3563f
Load Step
Load Step
Regulated Output Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
Load Step
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified.
IL
500mA/DIV
ILOAD
500mA/DIV
VIN = 3.6V
VOUT = 1.87V
ILOAD = 0A TO 500mA
20
µs/DIV
3563 G04
VOUT
100mV/DIV
AC COUPLED
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.87V
ILOAD = 30mA TO 500mA
20
µs/DIV
3563 G05
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.28V
ILOAD = 0mA TO 500mA
20
µs/DIV
3563 G06
ILOAD
500mA/DIV
Load Step
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.28V
ILOAD = 30mA TO 500mA
20
µs/DIV
3563 G07
ILOAD
500mA/DIV
TEMPERATURE (
°C)
–50
1.28
1.29
1.31
1.30
25
75
3563 G08
1.27
1.26
–25
0
50
100
125
1.25
1.24
VSEL = 0V
TEMPERATURE (
°C)
–50
–25
2.0
2.2
2.5
0
50
75
3563 G09
2.1
2.4
2.3
25
100
125
SUPPLY VOLTAGE (V)
2.2
2.3
2.4
56
3563 G10
2.1
2.0
1.8
2
3
4
1.9
2.7
2.5
2.6
INPUT VOLTAGE (V)
2
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
3
4
4.5
3563 G11
–0.3
0.3
0.4
0.1
2.5
3.5
5
5.5
6
IOUT = 200mA
VOUT = 1.28V
VOUT = 1.87V
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
3563 G12
–1.0
–0.5
0.5
1.5
–1.5
–2.0
VIN = 3.6V
VOUT = 1.28V
VOUT = 1.87V
Burst Mode
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com