Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3586 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3586
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology LTC3586 Datasheet HTML 11Page - Linear Technology LTC3586 Datasheet HTML 12Page - Linear Technology LTC3586 Datasheet HTML 13Page - Linear Technology LTC3586 Datasheet HTML 14Page - Linear Technology LTC3586 Datasheet HTML 15Page - Linear Technology LTC3586 Datasheet HTML 16Page - Linear Technology LTC3586 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3586/LTC3586-1
13
3586fa
39
VIN3
SWAB3
VOUT3
GND
3586 BD
30
CHRG
4
CLPROG
5
NTC
22
VIN4
21
EN1
20
EN2
18
EN3
33
EN4
9
MODE
1
ILIM0
2
ILIM1
10
FB4
1A
2.25MHz
(BUCK-BOOST)
SWITCHING
REGULATOR 3
13
SWCD3
19
24
23
VIN2
SW2
FB2
400mA
2.25MHz
(BUCK)
SWITCHING
REGULATOR 2
25
27
28
VIN1
29 PROG
32 BAT
15mV
0.3V
3.6V
EN1
EN2
EN3
EN4
A
B
D
C
IDEAL
1.188V
SW1
FB1
12 VC3
400mA
2.25MHz
(BUCK)
SWITCHING
REGULATOR 1
2.25MHz
PowerPath
SWITCHING
REGULATOR
800mA
2.25MHz
(BOOST)
SWITCHING
REGULATOR 4
26
MASTER LOGIC
CC/CV
CHARGER
3.3V LDO
CHARGE
STATUS
38
FAULT
FAULT
LOGIC
31 GATE
34 VOUT
SW
+
–
VOUT4
8
SW4
BATTERY
TEMPERATURE
MONITOR
SUSPEND
LDO
500μA
37
LDO3V3
3
VBUS
11 FB3
35, 36
6, 7
14, 15
16, 17
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com