Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3608 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3608
Description  18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3608 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3608 Datasheet HTML 9Page - Linear Technology LTC3608 Datasheet HTML 10Page - Linear Technology LTC3608 Datasheet HTML 11Page - Linear Technology LTC3608 Datasheet HTML 12Page - Linear Technology LTC3608 Datasheet HTML 13Page - Linear Technology LTC3608 Datasheet HTML 14Page - Linear Technology LTC3608 Datasheet HTML 15Page - Linear Technology LTC3608 Datasheet HTML 16Page - Linear Technology LTC3608 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3608
13
3608fa
APPLICATIONS INFORMATION
Inductor Selection
Given the desired input and output voltages, the induc-
tor value and operating frequency determine the ripple
current:
IL =
VOUT
f L
1
VOUT
VIN
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a tradeoff between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX). The largest ripple current
occurs at the highest VIN. To guarantee that ripple current
does not exceed a specified maximum, the inductance
should be chosen according to:
L
=
VOUT
f IL(MAX)
1
VOUT
VIN(MAX)
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores.
A variety of inductors designed for high current, low volt-
age applications are available from manufacturers such as
Sumida, Panasonic, Coiltronics, Coilcraft and Toko.
CIN and COUT Selection
The input capacitance CIN is required to filter the square
wave current at the drain of the top MOSFET. Use a low ESR
capacitor sized to handle the maximum RMS current.
IRMS ≅IOUT(MAX)
VOUT
VIN
VIN
VOUT
–1
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX)/2. This simple worst-case condition is
commonly used for design because even significant de-
viations do not offer much relief. Note that ripple current
ratings from capacitor manufacturers are often based on
only 2000 hours of life which makes it advisable to derate
the capacitor.
The selection of COUT is primarily determined by the
ESR required to minimize voltage ripple and load step
transients. The output ripple ΔVOUT is approximately
bounded by:
VOUT
IL ESR +
1
8fCOUT
Figure 3. Maximum Switching Frequency vs Duty Cycle
2.0
1.5
1.0
0.5
0
0
0.25
0.50
0.75
3608 F03
1.0
DROPOUT
REGION
DUTY CYCLE (VOUT/VIN)
Figure 2. Correcting Frequency Shift with Load Current Changes
CVON
0.01μF
RVON2
100k
RVON1
30k
CC
VOUT
RC
(2a)
(2b)
VON
ITH
LTC3608
CVON
0.01μF
RVON2
10k
Q1
2N5087
RVON1
3k
10k
CC
3608 F02
VOUT
INTVCC
RC
VON
ITH
LTC3608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com