Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3610WP Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3610WP
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610WP Datasheet(HTML) 2 Page - Linear Technology

  LTC3610WP Datasheet HTML 1Page - Linear Technology LTC3610WP Datasheet HTML 2Page - Linear Technology LTC3610WP Datasheet HTML 3Page - Linear Technology LTC3610WP Datasheet HTML 4Page - Linear Technology LTC3610WP Datasheet HTML 5Page - Linear Technology LTC3610WP Datasheet HTML 6Page - Linear Technology LTC3610WP Datasheet HTML 7Page - Linear Technology LTC3610WP Datasheet HTML 8Page - Linear Technology LTC3610WP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3610
2
3610fd
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN, ION).................. 28V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................ 34V to –0.3V
SW Voltage ............................................... 28V to –5V
INTVCC, EXTVCC, (BOOST – SW), RUN/SS,
PGOOD Voltages...................................... 7V to –0.3V
FCB, VON, VRNG Voltages............ INTVCC + 0.3V to –0.3V
ITH, VFB Voltages....................................... 2.7V to –0.3V
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
PIN CONFIGURATION
TOP VIEW
WP PACKAGE
64-LEAD (9mm × 9mm) QFN MULTIPAD
PGND 1
PGND 2
PGND 3
SW 4
SW 5
SW 6
SW 7
SW 8
SW 9
SW 10
SW 11
PVIN 12
PVIN 13
PVIN 14
PVIN 15
PVIN 16
48 SGND
47 SGND
46 SGND
45 SGND
44 EXTVCC
43 VFB
42 SGND
41 ION
40 SGND
39 FCB
38 ITH
37 VRNG
36 PGOOD
35 VON
34 SGND
33 SGND
68
SGND
67
PVIN
66
SW
65
PGND
TJMAX = 125°C, θJA = 28°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3610EWP#PBF
LTC3610EWP#TRPBF
LTC3610WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3610EWP
LTC3610EWP#TR
LTC3610WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com