Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3520 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3520
Description  Synchronous 1A Buck-Boost and 600mA Buck Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3520 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3520 Datasheet HTML 16Page - Linear Technology LTC3520 Datasheet HTML 17Page - Linear Technology LTC3520 Datasheet HTML 18Page - Linear Technology LTC3520 Datasheet HTML 19Page - Linear Technology LTC3520 Datasheet HTML 20Page - Linear Technology LTC3520 Datasheet HTML 21Page - Linear Technology LTC3520 Datasheet HTML 22Page - Linear Technology LTC3520 Datasheet HTML 23Page - Linear Technology LTC3520 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3520
21
3520f
TYPICAL APPLICATIONS
Sequenced Buck Converter Start-Up
3.3V at 500mA and 1.8V at 600mA Outputs
3520 TA02a
SW1A
SW1B
VOUT1
AOUT
AIN
VC1
FB1
SS1
SVIN
PVIN3
PVIN2
PVIN1
PGND2
SGND
PGND1
SW2
FB2
SS2
RT
PWM1
PWM2
SD3
SD1
SD2
C3
22
µF
1M
442k
309k
15k
470pF
10k
56pF
LTC3520
VOUT
3.3V
500mA
1A FOR VIN ≥ 3V
VOUT
1.8V
600mA
VIN
2.2V TO 4.2V
C1, C2, C3: TAIYO YUDEN CERAMIC JMK212BJ226MG-T
L1: TDK RLF7030T-4R7M3R4 4.7
µH
L2: TDK RLF7030T-3R3M4R 3.3
µH
THE BUCK CONVERTER IS ENABLED WHEN THE
BUCK-BOOST OUTPUT VOLTAGE REACHES 3.0V.
C2
22
µF
470pF
0.022
µF
0.022
µF
54.9k
255k
200k
301k
499k
C1
22
µF
Li-Ion
L2
3.3
µH
L1
4.7
µH
PWM
BURST
ON
OFF
158k
27pF
Typical Waveforms During Power-Up
SD1, SD3
5V/DIV
1ms/DIV
BUCK VOUT
1V/DIV
BUCK-BOOST
VOUT
2V/DIV
AOUT
5V/DIV
3520 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com