Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3670 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3670
Description  Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3670 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3670 Datasheet HTML 2Page - Linear Technology LTC3670 Datasheet HTML 3Page - Linear Technology LTC3670 Datasheet HTML 4Page - Linear Technology LTC3670 Datasheet HTML 5Page - Linear Technology LTC3670 Datasheet HTML 6Page - Linear Technology LTC3670 Datasheet HTML 7Page - Linear Technology LTC3670 Datasheet HTML 8Page - Linear Technology LTC3670 Datasheet HTML 9Page - Linear Technology LTC3670 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3670
6
3670f
PIN FUNCTIONS
BLOCK DIAGRAM
SW (Pin 1): Buck Regulator Switch Node Connection to In-
ductor. This pin connects to the drains of the buck regulator’s
main PMOS and synchronous NMOS switches.
GND (Pin 2): Ground.
ENLDO1 (Pin 3): Enables the First Low Dropout Linear
Regulator (LDO1) When High. This is a MOS gate input.
There is an internal 4MΩ pull-down.
ENLDO2 (Pin 4): Enables the Second Low Dropout Linear
Regulator (LDO2) When High. This is a MOS gate input.
There is an internal 4MΩ pull-down.
ENBUCK (Pin 5): Enables the Buck Converter When High.
This is a MOS gate input. There is an internal 4MΩ pull-
down.
BUCKFB (Pin 6): Feedback Voltage Input for the Buck
Regulator. Typically, an external resistor divider feeds a
fraction of the buck output voltage to this pin.
PGOOD (Pin 7): Power Good Open-Drain NMOS Output.
The PGOOD pin goes Hi-Z when all enabled outputs are
within 8% of final value.
LDO2_FB (Pin 8): Feedback Voltage Input for the Second
Low Dropout Linear Regulator (LDO2). Typically, an ex-
ternal resistor divider feeds a fraction of the LDO2 output
voltage to this pin.
LDO1_FB (Pin 9): Feedback Voltage Input for the First Low
Dropout Linear Regulator (LDO1). Typically, an external
resistor divider feeds a fraction of the LDO1 output volt-
age to this pin.
LDO1 (Pin 10): Output of the First Low Dropout Linear
Regulator. This pin must be bypassed to ground with a
1μF or greater ceramic capacitor.
LDO2 (Pin 11): Output of the Second Low Dropout Linear
Regulator. This pin must be bypassed to ground with a
1μF or greater ceramic capacitor.
VIN (Pin 12): Input Supply. This pin should be bypassed
to ground with a 2.2μF or greater ceramic capacitor.
Exposed Pad (Pin 13): Ground. This pin must be soldered
to the PCB.
400mA BUCK
2
GND
3
ENLDO1
6
BUCKFB
4
ENLDO2
5
ENBUCK
ENABLE
BUCK
12
SW
2.25MHz
OSC
LOGIC
LDO2_FB
3670 BD
LDO1_FB
PGOOD
VIN
13
GND
800mV
REFERENCE
ENABLE_LDO2
ENABLE_LDO1
POWER GOOD
COMPARATORS
7
LDO1
10
LDO2
11
9
8
1
LDO2
LDO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com