Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3705IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 3Page - Linear Technology LTC3705IGN Datasheet HTML 4Page - Linear Technology LTC3705IGN Datasheet HTML 5Page - Linear Technology LTC3705IGN Datasheet HTML 6Page - Linear Technology LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology LTC3705IGN Datasheet HTML 10Page - Linear Technology LTC3705IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3705
7
3705fb
BLOCK DIAGRA
+
+
+
+
+
+
7.4V/7V
LINEAR
REGULATOR
13.4V/7V
TRICKLE
CHARGER
+
5.3V/4.7V
14.25V
5V
SOFT-START
FAULT
REGULATOR
+
V
0.27mA
LINE OFF
TIME
4.9
µA
0.66
VFF
1.242V
1.226V
UVINT
UVGD
300mV
6
5
2
12
13
4
1
NDRV
SSFLT
UVLO
GND
FB/IN+
FS/IN
FREQUENCY
SET
OPTO
BIAS
RECTIFIER
LEVEL
SHIFT
BOOTSTRAP
REFRESH
PWM
RECEIVER
CONDITION
SW
DET
IN+
IN
VCC
SHUNT REGULATOR
NC
NC
IS
10 BG
11 VCC
9 PGND
VCC
PGND
TRICKLE
CHARGE
8V
0.6V
400mV
INDRV
UVVIN
5V
PWM
PRIMARY
CONTROL
DRIVE
LOGIC
15 TG
14 BOOT
16 TS
3 VSLMT
OSCILLATOR
2V
N/C
0V
VP-P
IOSC
PRIMARY
SIDE CONTROL
PWM SECONDARY CONTROL
SECONDARY SIDE CONTROL
3.3V
7
8
CLOCK
RAMP
VP-P
SWITCHES
ON
1.25V
OC
3705 BD
SW
DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com