Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526LB Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology LTC3526LB Datasheet HTML 10Page - Linear Technology LTC3526LB Datasheet HTML 11Page - Linear Technology LTC3526LB Datasheet HTML 12Page - Linear Technology LTC3526LB Datasheet HTML 13Page - Linear Technology LTC3526LB Datasheet HTML 14Page - Linear Technology LTC3526LB Datasheet HTML 15Page - Linear Technology LTC3526LB Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3526L/LTC3526LB
13
3526lfb
1-Cell to 3.3V
2-Cell to 3.3V
SW
VIN
1.78M
1M
*TAIYO-YUDEN NP03SB4R7M
22pF
3526 TA04a
LTC3526L
SHDN
VOUT
FB
VIN
0.8V TO 1.6V
VOUT
3.3V
75mA
OFF ON
GND
4.7μH*
1μF
10μF
SW
VIN
1.78M
1M
*TAIYO-YUDEN NP03SB4R7M
3526 TA05a
LTC3526L
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
4.7μH*
1μF
4.7μF
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA04b
30
20
10
0
90
100
VIN = 1.5V
VIN = 1.2V
VIN = 0.9V
VOUT = 3.3V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA05b
30
20
10
0
90
100
VIN = 3.0V
VIN = 2.4V
VIN = 1.8V
VOUT = 3.3V
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com