Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZP2APTTD500P Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CZP2APTTD500P
Description  Multi Layer Ferrite Power Beads
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2APTTD500P Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CZP2APTTD500P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SS-220 R12
AHA 12/07/06
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 1 OF 10
Multi Layer Ferrite Power Beads
Type CZP
■
Designed to reduce noise at high frequencies
■
Standard EIA Packages: 1J, 2A, 2B
■
Nickel barrier with solder overcoat for excellent solderability
■
Magnetically shielded
2. Dimensions
1. General
Part
1J
(0603)
2A
(0805)
2B
(1206)
Table 1
0.063±0.006
(1.60±0.15)
0.079±0.008
(2.00±0.20)
0.049±0.008
(1.25±0.20)
0.035±0.008
(0.90±0.20)
0.020±0.010
(0.51±0.25)
0.126±0.008
(3.20±0.20)
0.063±0.008
(1.60±0.20)
0.043±0.008
(1.10±0.20)
0.020±0.010
(0.51±0.25)
0.031±0.006
(0.80±0.15)
0.031±0.006
(0.80±0.15)
0.014±0.006
(0.36±0.15)
L
W
t
d
Dimensions - inches (mm)
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
3. Type Designation
The type designation shall be in the following form:
Size
Tolerance
Impedence
1J
2A
2B
P: ±25%
2 significant
figures + 1
multiplier
2A
P
500
Packaging
TD: 7" Paper Tape
(1J, 2A: 4,000 pcs/reel)
TE: 7" Embossed Plastic
(2B: 3,000 pcs/reel)
TD
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
CZP
Type
New Type
Permability
Code
F
P
F
CERTIFIED
CERTIFIED
SS-220 R12 CZP
12/7/06
11:54 AM
Page 1


Similar Part No. - CZP2APTTD500P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP2APTTD500P KOA-CZP2APTTD500P Datasheet
85Kb / 2P
multilayer power ferrite bead
More results

Similar Description - CZP2APTTD500P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
Chip Beads - Multi-layer
CTMLP100804AF CT-CTMLP100804AF Datasheet
368Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
Chip Beads - Multi-layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com