Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZP2APTTD500P Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CZP2APTTD500P
Description  multilayer power ferrite bead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2APTTD500P Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CZP2APTTD500P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZP2APTTD500P Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
254
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
features
• Designed to reduce noise at high frequencies
• Standard EIA packages: 1J, 2A, 2B
• Nickel barrier with solder overcoat for excellent
solderability
• Magnetically shielded
• Marking: Black body color with no marking
• Products with lead-free terminations meet
EU RoHS requirements
CZP
multilayer power ferrite bead
dimensions and construction
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
L
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.014±.006
(0.36±0.15)
.031±.006
(0.8±0.15)
Wt
d
Dimensions inches
(mm)
1J
(0603)
.079±.008
(2.0±0.2)
.047±.008
(1.20±0.2)
.02±.012
(0.51±0.30)
.035±.008
(0.9±0.2)
2A
(0805)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.012
(0.51±0.30)
.043±.008
(1.1±0.2)
2B
(1206)
TD: 7" paper tape
(1J, 2A - 4,000 pieces/reel)
TE: 7" embossed plastic
(2B - 3,000 pieces/reel)
ordering information
2 significant
figures + 1
multiplier
1J
2A
2B
F
P
T: Sn
P: ±25%
CZP
2A
F
T
Permeability
Code
Type
Size
Impedance
Tolerance
Termination
Material
Packaging
New Part #
TD
500
P
For further information
on packaging, please refer
to Appendix A.
Type
(Inch Size Code)
PMS 300 neg.
Black neg.
EU
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:59 PM
Page 59


Similar Part No. - CZP2APTTD500P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP2APTTD500P KOA-CZP2APTTD500P Datasheet
329Kb / 10P
Multi Layer Ferrite Power Beads
More results

Similar Description - CZP2APTTD500P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
Multilayer Ferrite Chip Bead
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1JFT KOA-CZB1JFT Datasheet
96Kb / 3P
multilayer ferrite bead
logo
Allied Components Inter...
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
multilayer ferrite bead
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
multilayer power ferrite bead
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
multilayer power ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
Multilayer Ferrite Bead
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
Multilayer Ferrite Bead s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com