Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZP2AFTTD800P Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # CZP2AFTTD800P
Description  Multi Layer Ferrite Power Beads
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2AFTTD800P Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

Back Button CZP2AFTTD800P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 9Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 10Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SS-220 R12
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 8 OF 10
Item
Requirement
Conditions
Mechanical Shock
Appearance: There shall be no physical or
Force: 50G
mechanical damage.
Time: 11 msec
Impedance: Relative to initial value before test
There shall be 3 shocks in each of 6 directions
±10%.
(18 shocks total).
Vibration
Impedance: Relative to initial value ±10%.
Only endurance conditioning by sweeping shall
be made. The entire frequency range from
10-2,000Hz and return to 10Hz in 20
minutes (this shall constitute one cycle).
Amplitude: 1.5mm
The test shall have a 15G peak and shall be
applied for a period of 4 hours (12 cycles)
in each of 3 mutually perpendicular directions
(a total of 36 cycles within a total of 12 hours).
Thermal Shock
Appearance: There shall be no physical or
Step
Temperature
Time
mechanical damage.
1-start
-40°C ±2°C
—
Impedance: Relative to initial value ±20%.
2-hold
-40°C ±2°C
30 min ±5 min
DCR: The DCR shall not exceed initial specified
3-transfer
—
0.5 min max.
value.
4-hold
+105°C ±2°C 30 min ±5 min
5-transfer
—
0.5 min max.
Testing of the parts will be made at 0 hours, 250
hours and 500 hours. Before testing, the parts
Steps 1 thru 5 constitute one complete cycle
shall be allowed to cool to room temperature for
and the test shall consist of a total of 500
24 hours.
cycles.
Load Humidity
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage.
Relative Humidity: 85%
Impedance: Relative to initial value ±15%.
Time: 1,000 hours total
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
Life Test
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage
Time: 1,000 hours total
Impedance: Relative to initial value ±15%
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
5. Characteristics (continued)
SS-220 R12 CZP
12/7/06
11:54 AM
Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com