Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZP2AFTTD221P Datasheet(PDF) 9 Page - KOA Speer Electronics, Inc.

Part # CZP2AFTTD221P
Description  Multi Layer Ferrite Power Beads
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2AFTTD221P Datasheet(HTML) 9 Page - KOA Speer Electronics, Inc.

Back Button CZP2AFTTD221P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 9Page - KOA Speer Electronics, Inc. CZP2AFTTD221P Datasheet HTML 10Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2B
1206
2A
0805
1J
0603
Tape
øa
ød
e
7
(178)
0.827
(21)
0.079
(2.0)
Dimensions - inches (mm)
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 9 OF 10
SS-220 R12
6. Packaging Specifications
KOA’s multilayer components are provided on tape-and-reel for use in pick-and-place machines.
The reel size is 7 inch.
7. Dimensions - inches (mm)
0.043±0.002
(1.1±0.1)
0.075±0.002
(1.9±0.1)
0.318±0.002
(8.1±0.1)
0.063±0.002
(1.6±0.1)
0.093±0.002
(2.4±0.1)
0.318±0.002
(8.1±0.1)
0.071±0.002
(1.8±0.1)
0.138±0.002
(3.5±0.1)
0.318±0.002
(8.1±0.1)
2B
1206
2A
0805
1J
0603
Tape
A
B
W
0.157±0.004
(4.0±0.1)
0.157±0.004
(4.0±0.1)
0.157±0.004
(4.0±0.1)
P
1
0.043±0.002
(1.1±0.1)
0.046±0.002
(1.2±0.1)
0.071±0.002
(1.8±0.1)
T
1
Dimensions - inches (mm)
SS-220 R12 CZP
12/7/06
11:54 AM
Page 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com