Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL1JHT Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # MCL1JHT
Description  multilayer ferrite inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL1JHT Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  MCL1JHT Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL1JHT Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL1JHT Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMS 300 neg.
Black neg.
204
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/06/07
MCL
multilayer ferrite inductor
Part
Designation
Inductance
L (µH)
Minimum
Q
applications and ratings (continued)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
50
20
50
25
0.90
1.00
1.10
15
300
250
200
1.15
0.15
32
29
26
24
320
280
235
220
200
185
170
150
145
135
0.25
0.30
0.40
0.50
0.60
0.50
125
0.60
115
105
100
75
65
60
55
50
45
41
38
35
32
29
26
24
22
19
0.70
0.80
0.90
0.40
0.50
0.60
0.70
0.80
0.85
0.90
25
1.00
0.70
1.05
4
2
5.6
6.8
8.2
10
0.047
0.068
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
25
10
45
30
1
4
2
150
100
50
5
15
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
Operating
Temperature
Range
MCL2AJTTE5R6*
MCL2AJTTE6R8*
MCL2AJTTE8R2*
MCL2AJTTE100*
MCL2BHTTE047M
MCL2BHTTE068M
MCL2BHTTER10*
MCL2BHTTER12*
MCL2BHTTER15*
MCL2BHTTER18*
MCL2BHTTER22*
MCL2BHTTER27*
MCL2BHTTER33*
MCL2BHTTER39*
MCL2BHTTER47*
MCL2BHTTER56*
MCL2BHTTER68*
MCL2BHTTER82*
MCL2BJTTE1R0*
MCL2BJTTE1R2*
MCL2BJTTE1R5*
MCL2BJTTE1R8*
MCL2BJTTE2R2*
MCL2BJTTE2R7*
MCL2BJTTE3R3*
MCL2BJTTE3R9*
MCL2BJTTE4R7*
MCL2BJTTE5R6*
MCL2BJTTE6R8*
MCL2BJTTE8R2*
MCL2BJTTE100*
MCL2BJTTE120*
MCL2BJTTE150*
-55°C
to
+125°C
-55°C
to
+125°C
* Add tolerance character (K, M) - Other tolerances available upon request
For complete environmental specifications,
please refer to pages 208-209.
50
1.05
0.90
22
33
MCL2BJTTE220*
MCL2BJTTE330*
0.4
16
13
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:46 PM
Page 9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com