Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG73P2HTTP Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SG73P2HTTP
Description  surge current thick film chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SG73P2HTTP Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SG73P2HTTP Datasheet HTML 1Page - KOA Speer Electronics, Inc. SG73P2HTTP Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SG73
SG73P
SG73S
features
24
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
SG73
surge current thick film chip resistor
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
K: ±10%
M: ±20%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
±0.5%, ±1%: 3
significant figures
+ 1 multiplier “R”
indicates decimal
on value <100
Ω
±2%, ±5%, ±10%,
±20%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10
Ω
1J
2A
2B
2E
2H
3A
W2H
W3A
TP: 0603, 0805: 7" 2mm pitch punch paper
TD: 0603, 0805, 1206, 1210:
7" 2mm pitch punched paper
TDD: 0603, 0805, 1206, 1210: 10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512:
7" punched plastic
TED: 0805, 1206, 1210, 2010 & 2512:
10" punched plastic
For further information on packaging,
please refer to Appendix A
SG73
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2B
TD
102
K
T
Type
L
.024±.004
(0.6±0.1)
.016±.008
(0.4±0.2)
.026±.006
(0.65±0.15)
.026±.006
(0.65±0.15)
.02±.012
(0.5±0.3)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.122±.008
(3.1±0.2)
.049±.004
(1.25±0.1)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.248±.008
(6.3±0.2)
SG732A
(0805)
SG732B
(1206)
SG732H
(2010)
SG73W2H
(2010)
SG733A
(2512)
SG73W3A
(2512)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
SG732E
(1210)
Derating Curve
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
SG731J,SG73P1J
SG73S1J
(0603)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.012 +.008
-.004
(0.3 +0.2)
-0.1
.02±.004
(0.5±0.1)
.012 +.008
-.004
(0.3 +0.2)
-0.1
SG73P2A,
SG73S2A
(0805)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.063±.008
(1.6±0.2)
SG73P2B,
SG73S2B
(1206)
.02±.012
(0.5±0.3)
SG73P2E,
SG73S2E
(1210)
.02±.012
(0.5±0.3)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.126±.008
(3.2±0.2)
.016 +.008
-.004
(0.4 +0.2)
-0.1
EU
• RuO2 thick film resistor element
• Anti-leaching nickel barrier terminations
• Meets or exceeds EIA 575, EIAJ RC 2690A,
EIA PDP-100, MIL-R-55342F
• Superior to RK73B/RK73H series in surge dielectric
withstanding voltage
• Marking: White three-digit on wine red protective coat,
SG73P: White three-digit, SG73S: black three-digit
on green protective coating
• Products with lead-free terminations meet EU RoHS requirements.
Pb located in glass material, electrode and resistor element is
exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 22


Similar Part No. - SG73P2HTTP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG73P2 KOA-SG73P2 Datasheet
252Kb / 2P
surge current thick film chip resistor
SG73P2A KOA-SG73P2A Datasheet
493Kb / 2P
SURGE CURRENT THICK FILM SG73 ??SG73S ??SG73P
SG73P2A KOA-SG73P2A Datasheet
252Kb / 2P
surge current thick film chip resistor
SG73P2A KOA-SG73P2A Datasheet
240Kb / 2P
surge current thick film chip resistor
SG73P2AATBK103D KOA-SG73P2AATBK103D Datasheet
212Kb / 2P
SG73P Endured Pulse Power Flat Chip Resistors
Oct. 2024
More results

Similar Description - SG73P2HTTP

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
Endured surge thick film chip resistor
ESR18 ROHM-ESR18 Datasheet
119Kb / 7P
Endured surge thick film chip resistor
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
surge current thick film chip resistor
SG732BTTD102K KOA-SG732BTTD102K Datasheet
252Kb / 2P
surge current thick film chip resistor
SG731JTTD100K KOA-SG731JTTD100K Datasheet
252Kb / 2P
surge current thick film chip resistor
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
surge current thick film chip resistor
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
surge current thick film chip resistor
SG73 KOA-SG73 Datasheet
500Kb / 3P
surge current thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com