Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS1CT26 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MOS1CT26
Description  reduced size metal oxide power type leaded resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS1CT26 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MOS1CT26 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS1CT26 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
126
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
MOS
reduced size metal oxide power type
leaded resistor
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Part
Designation
Operating
Temperature
Range
Power
Rating
@ 70°C
applications and ratings
T.C.R.
(ppm/°C)
Max.
MOS1/2
MOS1
MOS2
MOS3
MOS5
MOSX1/2
MOSX1
MOSX2
MOSX3
MOSX5
10
Ω - 47kΩ 10Ω - 47kΩ 10Ω - 47kΩ
10
Ω - 68kΩ 10Ω - 68kΩ
1
Ω - 9.1Ω
—
0.22
Ω - 9.1Ω 0.1Ω - 9.1Ω
10
Ω - 100kΩ
—
10
Ω - 100kΩ 10Ω - 100kΩ
300V
350V
500V
1000V
700V
600V
-55°C
to
+200°C
E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Resistance Range
E =
√Px R E x 2.5
Minimum
Dielectric
Withstanding
Voltage
0.5W
400V
500V
±300
500V
700V
800V
700V
800V
400V
1.0W
2.0W
3.0W
0.5W
1.0W
2.0W
3.0W
5.0W
5.0W
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60
-40
0
406080 100
160
70
20
Ambient Temperature
(°C)
0
-55
120
235
-20
140
180 200 220 240
250
200
150
100
50
0255075
% Rated Power
0
100
MOS5
MOSX5
125
MOS3
MOSX3
MOS2
MOSX2
MOS1
MOSX1
MOS1/2
MOSX1/2
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
Measuring points are at 10mm ±1mm from the end cap.
Room temperature +100°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±(2% +0.1
Ω)
±1%
Resistance to Solder Heat
260°C ±5°C, 10 seconds ± 1 second
±1%
±0.5%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1%
±0.5%
High Temperature Exposure
-125°C, 100 hours
±(2% +0.1
Ω)
±1%
Terminal Strength
Twist 360°C, 5 times
No lead-coming off
and loose terminals
—
Resistance to Solvent
Ultrasonic washing with isopropyl alcohol for 2 minutes.
Power: 0.3W/cm3, f: 28kHz, Temp: 35°C ±5°C
No abnormality in
appearance. Marking
shall be easily legible
—
Flame Retardant
Flame test: the test flame shall be applied and removed for each 15 seconds respectively
to repeat the cycle 5 times. Overload flame retardant: power (AC) corresponding to 2, 4,
8, 16 and 32 times the power rating shall be applied for each 1 minute until disconnection
occurs. However the applied voltage shall not exceed the value of 4 times of the
maximum operating voltage
No evidence of
flaming or
self-flaming
—
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(5%+0.1
Ω)
±2.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(5%+0.1
Ω)
±2.5%
1733 Reader's Spreads pg1-203:document
1/27/09
4:10 PM
Page 124



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com