Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPR26CFT Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # BPR26CFT
Description  rectangular type metal plate resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR26CFT Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  BPR26CFT Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR26CFT Datasheet HTML 2Page - KOA Speer Electronics, Inc. BPR26CFT Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
134
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
BPR
rectangular type metal plate resistors
K: ±10%
(E12)
Resistance Range
J: ±5%
(E12)
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
BPR26
BPR28
2W
2W
±350
0.01
Ω
0.1
Ω - 0.68Ω
+70°C
0.01
Ω - 0.68Ω
-40°C to +200°C
PMS 300 neg.
Black neg.
BPR38
3W
BPR58
5W
BPR108
10W
BPR55
5W+5W
BPR77
7W+7W
0.01
Ω - 1.0Ω
0.01, 0.1
Ω - 1.0Ω
0.05
Ω, 0.1Ω - 1.0Ω
–––
0.05
Ω, 0.1Ω
0.22
Ω - 0.47Ω
0.03
Ω - 0.47Ω
Resistance
J: ±5%
26, 28
standard resistance
0.01
0.012
H
0.015
0.02*
0.022
0.027
0.03*
0.033
0.039
K: ±10%
J: ±5%
K: ±10%
38
J: ±5%
58
K: ±10%
J: ±5%
K: ±10%
108
J: ±5%
55
K: ±10%
J: ±5%
K: ±10%
77
H
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
H
––
––
––
––
––
––
0.04*
0.047
0.05*
0.068
0.082
0.1
H
0.12
H
0.15
H
0.18
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
0.22
0.27
H
H
0.33
H
0.39
H
0.47
H
0.56
H
0.68
H
0.82
1.00
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
––
––
––
H
H
H
H
H
––
––
––
H
H
––
––
––
H
H
––
––
––
H
: Available
Blank : Please consult
–– : Not available
H
H
H
H
H
H
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 132



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com