| Electronic Components Datasheet Search |
|
LB8628PL Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LB8628PL Datasheet(HTML) 2 Page - Sanyo Semicon Device |
|
2 / 6 page ![]() LB8682PL No.A0294-2/6 Allowable Operating Ranges at Ta = 25 °C Parameter Symbol Conditions Ratings Unit Supply voltage VCC 2.2 to 7.5 V Constant-current setting range IOUT 50 to 200 mA High-level input voltage VIH 1.5 to 7.5 V Low-level input voltage VIL ENA1 to ENA2, IN1 to IN4 -0.3 to +0.5 V Electrical Characteristics at Ta = 25°C, VCC = 3.3V Ratings Parameter Symbol Conditions min typ max Unit ICC0 ENA1 = ENA2 = IN3 = IN4 = 0V 0.1 1 µA ICC1 ENA1 = ENA2 = 3V 13.5 20.0 mA Current drain ICC2 IN3orIN4 = 3V IO = 200mA RF = 1Ω 5.0 8.5 mA Input current IIN VIN = 3V 60 90 µA Saturated drive driver (OUT1, OUT2, OUT3, and OUT4) VSAT11 IOUT = 100mA 0.22 0.32 V Output saturation voltage1 VSAT12 IOUT = 200mA 0.42 0.62 V Constant-Current drive driver (OUT5 and OUT6) Constant-current output1 IOUT1 Between RFG and ground: 2 Ω 95 100 105 mA Constant-current output2 IOUT2 Between RFG and ground: 0.8 Ω, VCC = 5V 238 250 262 mA VSAT21 IOUT = 100mA 0.18 0.27 V Output saturation voltage VSAT22 IOUT = 200mA 0.35 0.53 V Spark killer diode Reverse current IS (leak) 1 µA Forward voltage VSF IOUT = 200mA 1.7 V Other circuits Thermal protection detection temperature TTSD (Design specification) 160 180 200 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |