| Electronic Components Datasheet Search |
|
LB8653FN Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LB8653FN Datasheet(HTML) 1 Page - Sanyo Semicon Device |
|
1 / 14 page ![]() 92706 / 62504 JO IM No.7982-1/14 LB8653T LB8653FN Features • An actuator driver for single focus digital camera is implemented on a single chip. (1) Supports a constant voltage for the AF H-bridge ×2 : a stepping motor (STM) ×1. - Constant voltage drive. - Enables 1-phase, 1-2 phase and 2-phase excitation. - VC1 and VC2 allow the constant voltage for each channel to be set independently. (2) Supports a constant current for the shutter H-bridge ×1 : a voice coil motor (VCM) ×1. - Constant current drive. - A fast charge/discharge circuit allows for stabilization of response speed for the continuous drive mode. - Allows offsetting of the constant current rising waveform with an external CR. (The external CR is not required when an offset is not performed.) → Prevent current rising variation of coil caused by supply voltage fluctuation. - Implements regenerative brake logic. (3) Supports a constant voltage for the iris H-bridge ×1 : a voice coil motor (VCM) ×1. - Constant voltage drive. - VC4 allows the independent constant voltage to be set. [Actuator applications] Focus Shutter Iris Applications STM VCM VCM Ordering number : ENN7982 Monolithic Digital IC DSC Motor Driver Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before using any SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein. |
Similar Part No. - LB8653FN |
|
Similar Description - LB8653FN |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |