Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73BW2HTPL Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73BW2HTPL
Description  flat chip resistors (anti-sulfuration)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73BW2HTPL Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73BW2HTPL Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73BW2HTPL Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
10/30/08
RK73-RT
flat chip resistors (anti-sulfuration)
features
Derating Curve
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
155
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
dimensions and
construction
Type
L
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01 +.002
-.004
(0.25 +0.05)
-0.1
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.008±.004
(0.2±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.122±.008
(3.1±0.2)
.023±.006
(0.65±0.15)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031±.004
(0.8±0.1)
.02±.002
(0.5±0.05)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.248±.008
(6.3±0.2)
1E
(0402)
1J
(0603)
2A
(0805)
2B
(1206)
W2H
(2010)
W3A
(2512)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
2E
(1210)
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
RT: Sn
Anti-Sulfur
RK73B:
3 digits
RK73H:
4 digits
1E
1J
2A
2B
2E
W2H
W3A
RK73B
RK73H
RK73H
Type
Power
Rating
Nominal
Resistance
Resistance
Tolerance
Termination
Surface Material
Packaging
New Part #
2A
TD
1002
F
RT
EU
• Excellent anti-sulfuration characteristic
due to using high sulfuration-proof inner
top electrode material
• Excellent heat resistance and weather
resistance are ensured by the use of metal glaze thick film
• High stability and high reliability with the triple-layer
structure of electrode
• Suitable for both flow and reflow solderings
• Marking: Black protective coat on RK73B, RK73Z1J, 2A,
2B, 2E, W2H, W3A
Blue protective coat on RK73H
Green protective coat on RK73Z1E
• Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
RT: Sn
Anti-Sulfur
1E, 1J: 1A
2A, 2B, 2E,
W2H, W3A
TPL: 0402 only: 2mm pitch punch paper
TP: 0402, 0603, 0805: 7" 2mm pitch punch paper
TD: 0603, 0805, 1206, 1210:7" 2mm pitch punched paper
TDD: 0603, 0805, 1206, 1210: 10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512: 7" punched plastic
TED: 0805, 1206, 1210, 2010 & 2512: 10" punched plastic
For further information on packaging, please refer to Appendix A
RK73Z
Type
Current
Rating
Termination
Surface Material
Packaging
New Part #
2A
TD
RT
TPL: 0402 only: 2mm pitch punch paper
TP: 0402, 0603, 0805: 7" 2mm pitch punch paper
TD: 0603, 0805, 1206, 1210:7" 2mm pitch punched paper
TDD: 0603, 0805, 1206, 1210: 10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512: 7" punched plastic
TED: 0805, 1206, 1210, 2010 & 2512: 10" punched plastic
For further information on packaging, please refer to
Appendix A
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 12


Similar Part No. - RK73BW2HTPL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73BW2HTTA102G KOA-RK73BW2HTTA102G Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
RK73BW2HTTA102J KOA-RK73BW2HTTA102J Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
RK73BW2HTTA103G KOA-RK73BW2HTTA103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
logo
List of Unclassifed Man...
RK73BW2HTTA103G ETC2-RK73BW2HTTA103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73BW2HTTA103G ETC2-RK73BW2HTTA103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
More results

Similar Description - RK73BW2HTPL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG731JRT KOA-SG731JRT Datasheet
90Kb / 2P
surge current flat chip resistors (anti-sulfuration)
logo
American Accurate Compo...
CJS161000JM AAC-CJS161000JM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
logo
KOA Speer Electronics, ...
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
surge current flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
anti sulfuration chip networks
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
WALSIN TECHNOLOGY CORPO...
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com