Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6803TL Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM6803TL
Description  WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6803TL Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM6803TL Datasheet HTML 1Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SAMHOP Microelectronics Corp.
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
POWER DISSIPATION TABLE
TYPICAL APPLICATION
ABSOLUTE MAXIMUM RATINGS
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
Note:
Junction Temperature Calculation; TJ = TA+(PD* θJA)
PD: Power Dissipation, TA: Ambient termperature, θJA : Thermal Resistance-Junction to Ambient
The θJA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
Input Voltage
Output Voltage
Voltage at all other pins
Maximum Junction Temperature
Storage Temperature Range
Lead Temperature (soldering,10 seconds)
Characteristic
VDD
VLEDn
-
TJ
-
-
Symbol
-0.3 ~ 7.0
-0.3 ~ 7.0
-0.3 ~ 5.5
150
-40 ~ 150
260
Rating
V
V
V
oC
oC
oC
Unit
θ°JA
(oCW)
TA>25oC
Derating factor(mW/oC)
220
4.5
TA<25oC
Power rating(mW)
568
TA=70oC
Power rating(mW)
363
TA=85oC
Power rating(mW)
295
Package
SOT-25
Enable and Logic
Brightness Control
Li-Ion Battery
VDD
EN/CTRL
LED1
LED2
LED3
GND
SM6804
VDD
GND
LED4
220
4.5
568
363
295
SOT-26
180
5.56
695
444
361
MSOP-8
Page 2
V.1.0 July 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com