Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6922 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM6922
Description  Dual N-Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6922 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM6922 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6922 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S T M6922
Parameter
S ymbol
C ondition
Min Typ Max Unit
E LE C TR IC AL C HAR AC TE R IS TIC S (TA=25 C unless otherwise noted)
DR AIN-S OUR C E DIODE C HAR AC TE R IS TIC S
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
0.78
1.2
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteris tics
F igure 2. Trans fer C haracteris tics
V G S , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
a.S urface Mounted on FR 4 Board, t 10sec.
5
30
24
18
12
6
0
0
3
15
12
9
6
3
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =3.5V
VGS =4V
VGS =4.5V
VGS =10V
25 C
-55 C
T j=125 C
0.9
1.8
2.7
3.6
4.5
5.4
ID, Drain C urrent (A)
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
T j( C )
T j, J unction T emperature ( C )
60
50
40
30
20
10
1
6
12
18
24
30
1
V GS =10V
V GS =4.5V
1.75
1.60
1.45
1.30
1.15
1.00
0.85
0
100
75
25
50
V G S =4.5V
ID=5A
125
V G S =10V
ID=6A
150
VGS =5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com