Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8360T Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # STM8360T
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8360T Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STM8360T Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8360T Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STM8360T
www.samhop.com.tw
Nov,21,2008
10
PACKAGE OUTLINE DIMENSIONS
SO-8
S Y MB O L S
MIN
MIN
0. 053
0. 004
0. 189
0. 150
0. 228
0. 016
0
1. 35
0. 10
4. 80
3. 81
5. 79
0. 41
0
MAX
MAX
0. 069
0. 010
0. 196
0. 157
0. 244
0. 050
8
1. 75
0. 25
4. 98
3. 99
6. 20
1. 27
8
MIL L IME T E R S
INC H E S
A
A1
D
E
H
L
1
e
B
H
E
L
D
0.05 TYP.
0.016 TYP.
0.008
TYP.
0. 015X 45
Ver 1.0
Notes
SO-8 package weight
0.083g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com