Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU309D Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU309D
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU309D Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU309D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU309D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S T U309D
=
Parameter
S ymbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
10
uA
ON CHAR ACTE R IS TICS
a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
V
Drain-S ource On-S tate R esistance
R DS(ON)
VGS -10V, ID -6A
VGS -4.5V, ID -4A
55
On-S tate Drain Current
ID(ON)
VDS = -5V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -6A
DYNAMIC CHAR ACTE R IS TICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
S WITCHING CHAR ACTE R IS TICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -15V
ID = -1A
VGS = -10V
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = -20 A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
3
5
35
uA
m ohm
m ohm
P-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =-15V,ID =-20A,VGS =-10V
nC
VDS=-15V,ID =-20A,VGS =-4.5V
-20
130
220
850
16
35
75
15
12
4.7
1.6
8
10
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
4
-1
-3
-1.9
28
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com