Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5T Datasheet(PDF) 8 Page - Pletronics, Inc.

Part # FD5T
Description  Programmable CMOS Clock Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5T Datasheet(HTML) 8 Page - Pletronics, Inc.

Back Button FD5T Datasheet HTML 4Page - Pletronics, Inc. FD5T Datasheet HTML 5Page - Pletronics, Inc. FD5T Datasheet HTML 6Page - Pletronics, Inc. FD5T Datasheet HTML 7Page - Pletronics, Inc. FD5T Datasheet HTML 8Page - Pletronics, Inc. FD5T Datasheet HTML 9Page - Pletronics, Inc. FD5T Datasheet HTML 10Page - Pletronics, Inc. FD5T Datasheet HTML 11Page - Pletronics, Inc. FD5T Datasheet HTML 12Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
www.pletronics.com
425-776-1880
8
0
1
2
3
4
5
6
7
10
30
50
70
90
110
130
150
170
190
210
230
Fout (MHz)
0
5
10
15
20
25
30
10
30
50
70
90
110
130
150
170
190
210
230
PLL Frequency (MHz)
1 PLL On
All PLLs Off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
30
50
70
90
110
130
150
170
190
210
230
Fout (M Hz)
1 Output On
All outputs Off
0
1
2
3
4
5
6
7
8
9
10
30
50
70
90 110 130 150 170 190 210 230
Fout (MHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10
30
50
70
90
110
130
150
170
190
210
230
Fout (MHz)
1 Output On
All outputs Off
FD51xxT
I
DDOUT Current for Various Number of Outputs On
No Load
VDD=1.8V
V
DDOUT=3.3V
V
DDOUT=2.5V
V
DDOUT=1.8V
FD51xxTL V
DD = VDDOUT=1.8V
FD5 Series I
DD versus PLLs Used
No Load
V
DD=1.8V
Phase noise of the reference signal, Out3.
25MHz Reference Frequency
RMS jitter is 1.4pS from 10Hz to 2MHz
Example of the PLL synthesizing a frequency.
25MHz Reference Frequency
Multiply by 8 to 200MHz
Divide the 200MHz PLL output by 8
Phase noise plot of the resulting 25MHz on Out 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com