Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LS31C Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26LS31C
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31C Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS31C Datasheet HTML 1Page - Texas Instruments AM26LS31C Datasheet HTML 2Page - Texas Instruments AM26LS31C Datasheet HTML 3Page - Texas Instruments AM26LS31C Datasheet HTML 4Page - Texas Instruments AM26LS31C Datasheet HTML 5Page - Texas Instruments AM26LS31C Datasheet HTML 6Page - Texas Instruments AM26LS31C Datasheet HTML 7Page - Texas Instruments AM26LS31C Datasheet HTML 8Page - Texas Instruments AM26LS31C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AM26LS31C
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114D – JANUARY 1979 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
High-level output current, IOH
–20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V,
II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = 4.75 V,
IOH = –20 mA
2.5
V
VOL
Low-level output voltage
VCC = 4.75 V,
IOL = 20 mA
0.5
V
IOZ
Off state (high impedance state) output current
VCC = 4 75 V
VO = 0.5 V
–20
µA
IOZ
Off-state (high-impedance-state) output current
VCC = 4.75 V
VO = 2.5 V
20
µA
II
Input current at maximum input voltage
VCC = 5.25 V,
VI = 7 V
0.1
mA
IIH
High-level input current
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
Low-level input current
VCC = 5.25 V,
VI = 0.4 V
–0.36
mA
IOS
Short-circuit output current‡
VCC = 5.25 V
–30
–150
mA
ICC
Supply current
VCC = 5.25 V,
All outputs disabled
32
80
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL =30 pF
S1 and S2 open
14
20
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 30 pF,
S1 and S2 open
14
20
ns
tPZH
Output enable time to high level
CL =30 pF
RL = 75 Ω
25
40
ns
tPZL
Output enable time to low level
CL = 30 pF
RL = 180 Ω
37
45
ns
tPHZ
Output disable time from high level
CL =10 pF
S1 and S2 closed
21
30
ns
tPLZ
Output disable time from low level
CL = 10 pF,
S1 and S2 closed
23
35
ns
Output-to-output skew
CL = 30 pF,
S1 and S2 open
1
6
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com