Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3811 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3811 Datasheet HTML 17Page - Linear Technology LTC3811 Datasheet HTML 18Page - Linear Technology LTC3811 Datasheet HTML 19Page - Linear Technology LTC3811 Datasheet HTML 20Page - Linear Technology LTC3811 Datasheet HTML 21Page - Linear Technology LTC3811 Datasheet HTML 22Page - Linear Technology LTC3811 Datasheet HTML 23Page - Linear Technology LTC3811 Datasheet HTML 24Page - Linear Technology LTC3811 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LTC3811
21
3811f
x-axis. The output ripple current is normalized against
the inductor ripple current at zero duty factor. The graph
can be used in place of tedious calculations. As shown in
Figure 6, the zero output ripple current is obtained
when:
V
V
k
N
OUT
IN
=
where k = 1, 2, ..., N – 1
So the number of phases used can be selected to minimize
the output ripple current and therefore the output ripple
voltage at the given input and output voltages. In appli-
cations having a highly varying input voltage, additional
phases will produce the best results.
Accepting larger values of ΔIL allows the use of low in-
ductances, but can result in higher output voltage ripple.
A reasonable starting point for setting ripple current is
ΔIL = 0.4(IOUT)/N, where N is the number of channels and
IOUT is the total load current. Remember, the maximum
ΔIL occurs at the maximum input voltage. The individual
inductor ripple currents are constant determined by the
inductor, input and output voltages.
0
0
5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
30μs
3811 F07
TIME
0.54V = UV
THRESHOLD
0.66V = OV
THRESHOLD
TIME
t < 30μs
130μs
Figure 7. PGOOD Filter Timing Diagram
lockout or overtemperature condition. When the FB pin
voltage is within the ±10% window, the internal PGOOD
MOSFET is turned off and the pin is normally pulled up by
an external resistor. The absolute maximum voltage rating
of the PGOOD pins is 7V.
The PGOOD logic contains separate filters depending on
whether the controller is entering or exiting a fault condi-
tion. When the FB pin is exiting a fault condition (such as
during normal output voltage start-up, prior to regulation),
the PGOOD pin will remain low for an additional 30μs. This
allows the output voltage to reach steady-state regulation
and prevents the enabling of a heavy load from re-triggering
a UVLO condition. When the FB pin is entering either an
undervoltage, UV, or overvoltage, OV, fault condition, the
PGOOD pin will remain high 130μs after the onset of the
fault. This non-integrating filter prevents noise or short
duration overload conditions from triggering the PGOOD
outputs and causing a false system reset. Figure 7 illustrates
the timing diagram for a hypothetical undervoltage event
on the FB pin, and the resulting PGOOD waveform.
In multiphase applications, one error amplifier is used to
control all of the phase current comparators. In addition,
since the FB pins for the unused error amplifiers are con-
nected to INTVCC (in order to three-state these amplifiers),
the PGOOD outputs for these amplifiers will be asserted.
In order to prevent falsely reporting a fault condition, the
OPERATION (Refer to the Functional Diagram)
DUTY FACTOR (VOUT/VIN)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3811 F06
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 6. Normalized Peak Output Current vs
Duty factor [IRMS ≈ 0.3(ΔIO(P-P))]
Power Good Pins (PGOOD1, PGOOD2)
Each PGOOD pin is connected to the open drain of an
internal N-channel pull-down MOSFET. The MOSEFT turns
on and pulls the PGOOD pin low when the corresponding
FB pin is outside a ±10% window around the 0.6V refer-
ence voltage. The PGOOD pin is also pulled low when the
corresponding RUN pin is low, or during an undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com