Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3813 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3813 Datasheet HTML 2Page - Linear Technology LTC3813 Datasheet HTML 3Page - Linear Technology LTC3813 Datasheet HTML 4Page - Linear Technology LTC3813 Datasheet HTML 5Page - Linear Technology LTC3813 Datasheet HTML 6Page - Linear Technology LTC3813 Datasheet HTML 7Page - Linear Technology LTC3813 Datasheet HTML 8Page - Linear Technology LTC3813 Datasheet HTML 9Page - Linear Technology LTC3813 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3813
6
3813fb
Off-Time vs Temperature
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs Temperature
Feedback Reference Voltage
vs Temperature
Driver Peak Source Current
vs Temperature
Driver Pulldown RDS(ON)
vs Temperature
Driver Peak Source Current
vs Supply Voltage
Driver Pulldown RDS(ON)
vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
640
660
680
25
75
3813 G10
620
600
–25
0
50
100
125
580
560
IOFF = 300μA
VRNG VOLTAGE (V)
0.5
200
3813 G11
100
0
1
1.5
300
400
2
TEMPERATURE (°C)
–50
–25
180
200
230
0
50
75
3813 G12
190
220
210
25
100
125
VRNG = INTVCC
TEMPERATURE (°C)
–50
–25
0.797
0.799
0.803
0
50
75
3813 G13
0.798
0.802
0.801
0.800
25
100
125
TEMPERATURE (°C)
–50
1
1.5
2.0
2.5
–25
0
25
50
3813 G14
75
100
125
VBOOST = VINTVCC = 10V
TEMPERATURE (°C)
–50
1.25
1.50
0
25
75
3813 G15
1.00
0.75
–25
0
50
100
125
0.50
0.25
VBOOST = VINTVCC = 10V
DRVCC/BOOST VOLTAGE (V)
56
8
10
12
14
3.0
2.5
2.0
1.5
1.0
0.5
0
7
9
11
13
3813 G16
15
DRVCC/BOOST VOLTAGE (V)
6
0.6
0.8
0.9
1.0
1.1
8
10
11
15
3813 G17
0.7
79
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com