Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000T Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000T
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000T Datasheet(HTML) 1 Page - Texas Instruments

  BQ2000T Datasheet HTML 1Page - Texas Instruments BQ2000T Datasheet HTML 2Page - Texas Instruments BQ2000T Datasheet HTML 3Page - Texas Instruments BQ2000T Datasheet HTML 4Page - Texas Instruments BQ2000T Datasheet HTML 5Page - Texas Instruments BQ2000T Datasheet HTML 6Page - Texas Instruments BQ2000T Datasheet HTML 7Page - Texas Instruments BQ2000T Datasheet HTML 8Page - Texas Instruments BQ2000T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Safe management of fast
charge for NiCd, NiMH, or Li-
Ion battery packs
High-frequency switching con-
troller for efficient and simple
charger design
Pre-charge qualification for
detecting shorted, damaged, or
overheated cells
Fast-charge termination by
∆T/∆t
minimum
current
(Li-Ion), maximum tempera-
ture, and maximum charge
time
Selectable top-off mode for
achieving maximum capacity in
NiMH batteries
Programmable trickle-charge
mode for reviving deeply dis-
charged batteries and for post-
charge maintenance
Built-in battery removal and
insertion detection
Sleep mode for low power
consumption
General Description
The bq2000T is a programmable,
monolithic IC for fast-charge manage-
ment of nickel cadmium (NiCd),
nickel metal-hydride (NiMH), or lith-
ium-ion (Li-Ion) batteries in single- or
multi-chemistry applications. The
bq2000T detects the battery chemis-
try and proceeds with the optimal
charging and termination algorithms.
This process eliminates undesirable
undercharged or overcharged condi-
tions and allows accurate and safe
termination of fast charge.
Depending on the chemistry, the
bq2000T provides a number of
charge termination criteria:
n Rate of temperature rise,
∆T/∆t (for
NiCd and NiMH)
n Minimum charging current (for
Li-Ion)
n Maximum temperature
n Maximum charge time
For safety, the bq2000T inhibits fast
charge until the battery voltage and
temperature are within user-defined
limits. If the battery voltage is below
the low-voltage threshold, the
bq2000T uses trickle-charge to
condition the battery.
For NiMH
batteries, the bq2000T provides an
optional top-off charge to maximize
the battery capacity.
The integrated high-frequency com-
parator allows the bq2000T to be the
basis for a complete, high-efficiency
power-conversion circuit for both
nickel-based and lithium-based
chemistries.
bq2000T
SNS
Current-sense input
VSS
System ground
LED
Charge-status
output
BAT
Battery-voltage
input
1
PN-2000.eps
8-Pin DIP or Narrow SOIC
or TSSOP
2
3
4
8
7
6
5
SNS
LED
BAT
VSS
MOD
VCC
TS
RC
Pin Connections
Pin Names
Programmable Multi-Chemistry
Fast-Charge Management IC
SLUS149A–FEBRUARY 2000
TS
Temperature-sense
input
RC
Timer-program input
VCC
Supply-voltage input
MOD
Modulation-control
output


Similar Part No. - BQ2000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000T TI1-BQ2000T Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI2-BQ2000T Datasheet
930Kb / 31P
Programmable Multi-Chemistry Fast-Charge Management IC
REVISED JANUARY 2010
logo
List of Unclassifed Man...
BQ2000TPN-B5 ETC1-BQ2000TPN-B5 Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000TPN-B5 TI1-BQ2000TPN-B5 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
4A Multi-Type Battery Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com