Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3826 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3826
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3826 Datasheet HTML 17Page - Linear Technology LTC3826 Datasheet HTML 18Page - Linear Technology LTC3826 Datasheet HTML 19Page - Linear Technology LTC3826 Datasheet HTML 20Page - Linear Technology LTC3826 Datasheet HTML 21Page - Linear Technology LTC3826 Datasheet HTML 22Page - Linear Technology LTC3826 Datasheet HTML 23Page - Linear Technology LTC3826 Datasheet HTML 24Page - Linear Technology LTC3826 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3826
21
3826fc
APPLICATIONS INFORMATION
gate charge current, may be supplied by either the 5.25V
VIN LDO or the 7.5V EXTVCC LDO. When the voltage on
the EXTVCC pin is less than 4.7V, the VIN LDO is enabled.
Power dissipation for the IC in this case is highest and is
equal to VIN • INTVCC. The gate charge current is depen-
dent on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can be
estimated by using the equations given in Note 2 of the
Electrical Characteristics. For example, the LTC3826 INTVCC
current is limited to less than 24mA from a 24V supply when
in the G package and not using the EXTVCC supply:
TJ = 70°C + (24mA)(24V)(95°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operating in continuous conduction mode (PLLIN/MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above 4.5V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 7.5V, so while EXTVCC
is less than 7.5V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 7.5V up to an absolute maximum of 10V,
INTVCC is regulated to 7.5V.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from one of the LTC3826’s
switching regulator outputs (4.7V ≤ VOUT ≤ 10V) during
normal operation and from the VIN LDO when the output
is out of regulation (e.g., startup, short-circuit). If more
current is required through the EXTVCC LDO than is spec-
ified, an external Schottky diode can be added between the
EXTVCC and INTVCC pins. Do not apply more than 10V to
the EXTVCC pin and make sure than EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency). For
5V to 10V regulator outputs, this means connecting the
EXTVCC pin directly to VOUT. Tying the EXTVCC pin to a 5V
supply reduces the junction temperature in the previous
example from 125°C to:
TJ = 70°C + (24mA)(5V)(95°C/W) = 81°C
However, for 3.3V and other low voltage outputs, addi-
tional circuitry is required to derive INTVCC power from
the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC Left Open (or Grounded). This will cause
INTVCC to be powered from the internal 5.25V regulator
resulting in an efficiency penalty of up to 10% at high
input voltages.
2. EXTVCC Connected directly to VOUT. This is the normal
connection for a 5V to 10V regulator and provides the
highest efficiency.
3. EXTVCC Connected to an External supply. If an external
supply is available in the 5V to 10V range, it may be
used to power EXTVCC providing it is compatible with
the MOSFET gate drive requirements.
4. EXTVCC Connected to an Output-Derived Boost Network.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage that has been boosted to greater
than 4.7V. This can be done with the capacitive charge
pump shown in Figure 8.
EXTVCC
VIN
TG1
SW
BG1
PGND
LTC3826
RSENSE
VOUT
VN2222LL
+
COUT
3826 F08
N-CH
N-CH
+
CIN
1μF
VIN
L1
BAT85
BAT85
BAT85
0.22μF
Figure 8. Capacitive Charge Pump for EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com