Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43404MLI Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE43404MLI
Description  75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43404MLI Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button PE43404MLI Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE43404
Document No. 70-0258-02
│ www.psemi.com
Page 9 of 11
©2008 Peregrine Semiconductor Corp. All rights reserved.
20 Lead 4x4 mm QFN
Figure 20. Package Drawing
1.00
2.00
0.23
0.10
C A B
EXPOSED PAD
DETAIL A
16
15
11
5
1
6
20
10
2
1
DETAIL A
0.18
0.435
SEATING
PLANE
0.08 C
0.10 C
EXPOSED PAD &
TERMINAL PADS
- C -
2.00 X 2.00
2.00
4.00
- B -
- A -
INDEX AREA
0.25 C
1. Dimension applies to metallized terminal and is measured
between 0.25 and 0.30 from terminal tip.
2. Coplanarity applies to the exposed heat sink slug as well as
the terminals.
3. Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com