Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3850 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 9Page - Linear Technology LTC3850 Datasheet HTML 10Page - Linear Technology LTC3850 Datasheet HTML 11Page - Linear Technology LTC3850 Datasheet HTML 12Page - Linear Technology LTC3850 Datasheet HTML 13Page - Linear Technology LTC3850 Datasheet HTML 14Page - Linear Technology LTC3850 Datasheet HTML 15Page - Linear Technology LTC3850 Datasheet HTML 16Page - Linear Technology LTC3850 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3850/LTC3850-1
13
38501fb
The Typical Application on the first page is a basic LTC3850
application circuit. LTC3850 can be configured to use either
DCR (inductor resistance) sensing or low value resistor
sensing. The choice between the two current sensing
schemes is largely a design trade-off between cost, power
consumption, and accuracy. DCR sensing is becoming
popular because it saves expensive current sensing resis-
tors and is more power efficient, especially in high current
applications. However, current sensing resistors provide
the most accurate current limits for the controller. Other
external component selection is driven by the load require-
ment, and begins with the selection of RSENSE (if RSENSE is
used) and inductor value. Next, the power MOSFETs are se-
lected. Finally, input and output capacitors are selected.
Current Limit Programming
The ILIM pin is a tri-level logic input which sets the maxi-
mum current limit of the controller. When ILIM is either
grounded, floated or tied to INTVCC, the typical value for
the maximum current sense threshold will be 30mV, 50mV
or 75mV, respectively.
Which setting should be used? For the best current limit
accuracy, use the 75mV setting. The 30mV setting will allow
for the use of very low DCR inductors or sense resistors,
but at the expense of current limit accuracy. The 50mV
setting is a good balance between the two. For single output
dual phase applications (see Figure 21), use the 50mV or
75mV setting for optimal current sharing.
APPLICATIONS INFORMATION
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the current
comparators. The common mode input voltage range of
the current comparators is 0V to 5V. Both SENSE pins are
high impedance inputs with small base currents of less
than 1μA. When the SENSE pins ramp up from 0V to 1.4V,
the small base currents flow out of the SENSE pins. When
the SENSE pins ramp down from 5V to 1.1V, the small base
currents flow into the SENSE pins. The high impedance
inputs to the current comparators allow accurate DCR
sensing. However, care must be taken not to float these
pins during normal operation.
Filter components mutual to the sense lines should be
placed close to the LTC3850, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 1). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 2b), sense resistor R1 should be placed
Figure 2. Two Different Methods of Sensing Current
Figure 1. Sense Lines Placement
with Inductor or Sense Resistor
(2a) Using a Resistor to Sense Current
(2b) Using the Inductor DCR to Sense Current
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
38501 F01
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
FILTER COMPONENTS
PLACED NEAR SENSE PINS
SENSE+
SENSE–
SGND
LTC3850
VOUT
38501 F02a
CF • 2RF ≤ ESL/RS
POLE-ZERO
CANCELLATION
SENSE RESISTOR
PLUS PARASITIC
INDUCTANCE
RS
ESL
CF
RF
RF
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
*PLACE C1 NEAR SENSE+,
SENSE– PINS
INDUCTOR
DCR
L
SENSE+
SENSE–
SGND
LTC3850
VOUT
38501 F02b
R1
R2
C1*
R1||R2 × C1 =
L
DCR
RSENSE(EQ) = DCR
R2
R1 + R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com