Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3862IGN-PBF Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3862IGN-PBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862IGN-PBF Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3862IGN-PBF Datasheet HTML 25Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 26Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 27Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 28Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 29Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 30Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 31Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 32Page - Linear Technology LTC3862IGN-PBF Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC3862
29
3862fb
additional power dissipation is important when deciding
on a diode current rating, package type, and method of
heat sinking.
To a close approximation, the power dissipated by the
diode is:
PD = ID(PEAK) • VF(PEAK) • (1 – DMAX)
The diode junction temperature is:
TJ = TA + PD • RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.
Once the proper diode has been selected and the circuit
performance has been verified, measure the temperature
of the power components using a thermal probe or infrared
camera over all operating conditions to ensure a good
thermal design.
Finally, remember to keep the diode lead lengths short
and to observe proper switch-node layout (see Board
Layout Checklist) to avoid excessive ringing and increased
dissipation.
Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct combination
of output capacitors for a boost converter application. The
effects of these three parameters on the output voltage
ripple waveform are illustrated in Figure 22 for a typical
boost converter.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step and the charging/discharging
ΔV.
For the purpose of simplicity we will choose 2% for the
maximum output ripple, to be divided equally between the
ESR step and the charging/discharging ΔV. This percentage
ripple will change, depending on the requirements of the
application, and the equations provided below can easily
be modified.
One of the key benefits of multi-phase operation is a reduc-
tion in the peak current supplied to the output capacitor
by the boost diodes. As a result, the ESR requirement
of the capacitor is relaxed. For a 1% contribution to the
total ripple voltage, the ESR of the output capacitor can
be determined using the following equation:
ESR
V
I
COUT
OUT
DPEAK
≤
001
.•
()
where:
I
n
I
D
DPEAK
OMAX
MAX
()
()
••
–
=+
⎛
⎝⎜
⎞
⎠⎟
1
1
21
χ
The factor n represents the number of phases and the factor
χ represents the percentage inductor ripple current.
APPLICATIONS INFORMATION
SW1
50V/DIV
SW2
50V/DIV
1μs/DIV
VIN = 10V
VOUT = 48V
500mA LOAD
3862 F22
VOUT
50mV/DIV
AC COUPLED
IL1 2A/DIV
IL2 2A/DIV
Figure 22. Switching Waveforms for a Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com