Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4075 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 3 Page - Linear Technology

  LTC4075 Datasheet HTML 1Page - Linear Technology LTC4075 Datasheet HTML 2Page - Linear Technology LTC4075 Datasheet HTML 3Page - Linear Technology LTC4075 Datasheet HTML 4Page - Linear Technology LTC4075 Datasheet HTML 5Page - Linear Technology LTC4075 Datasheet HTML 6Page - Linear Technology LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4075/LTC4075X
3
4075Xf
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VASD-DC
VDCIN – VBAT Lockout Threshold
VDCIN from Low to High, VBAT = 4.2V
140
180
220
mV
VDCIN from High to Low, VBAT = 4.2V
20
50
80
mV
VASD-USB
VUSBIN – VBAT Lockout Threshold
VUSBIN from Low to High
140
180
220
mV
VUSBIN from High to Low
20
50
80
mV
VENABLE
ENABLE Input Threshold Voltage
0.4
0.7
1
V
RENABLE
ENABLE Pulldown Resistance
●
1.2
2
5
MΩ
V⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
0.35
0.6
V
V⎯P⎯W⎯R
⎯P⎯W⎯R Output Low Voltage
I⎯P⎯W⎯R = 5mA
0.35
0.6
V
VUSBPWR
USBPWR Output Low Voltage
IUSBPWR = 300µA
0.35
0.6
V
ΔVRECHRG
Recharge Battery Threshold
VFLOAT – VRECHRG, 0°C < TA < 85°C
65
100
135
mV
tRECHRG
Recharge Comparator Filter Time
VBAT from High to Low
3
6
9
ms
tTERMINATE
Termination Comparator Filter Time
IBAT Drops Below Termination Threshold
0.8
1.5
2.2
ms
tSS
Soft-Start Time
IBAT = 0 to Full-Scale
175
250
325
µs
RON-DC
Power FET “ON” Resistance
400
mΩ
(Between DCIN and BAT)
RON-USB
Power FET “ON” Resistance
550
mΩ
(Between USBIN and BAT)
TLIM
Junction Temperature in
105
°C
Constant-Temperature Mode
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4075E/LTC4075XE are guaranteed to meet the
performance specifications from 0°C to 70°C. Specifications over the
– 40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Failure to correctly solder the exposed backside of the package to
the PC board will result in a thermal resistance much higher than 40°C/W.
See Thermal Considerations.
Note 4: Supply current includes IDC and ITERM pin current (approximately
100µA each) but does not include any current delivered to the battery
through the BAT pin.
Note 5: Supply current includes IUSB and ITERM pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin.
Note 6: This parameter is not applicable to the LTC4075X.
Note 7: Guaranteed by long term current density limitations.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com