Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2011 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments BQ2011 Datasheet HTML 14Page - Texas Instruments BQ2011 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
The W/R values are:
Where W/R is:
0
The bq2011 outputs the requested register
contents specified by the address portion of
CMDR.
1
The following eight bits should be written
to the register specified by the address por-
tion of CMDR.
The lower seven-bit field of CMDR contains the address
portion of the register to be accessed. Attempts to write
to invalid addresses are ignored.
Primary Status Flags Register (FLGS1)
The read-only FLGS1 register (address=01h) contains
the primary bq2011 flags.
The charge status flag (CHGS) is asserted when a
valid charge rate is detected.
Charge rate is deemed
valid when VSRO < -400
µV. A VSRO of greater than-
400
µV or discharge activity clears CHGS.
The CHGS values are:
Where CHGS is:
0
Either discharge activity detected or VSRO >
-400
µV
1VSRO < -400
µV
The battery replaced flag (BRP) is asserted whenever
the potential on the SB pin (relative to VSS), VSB, rises
above 0.1V and determines the internal registers have
been corrupted.
The BRP flag is also set when the
bq2011 is reset (see the RST register description). BRP
is latched until either the bq2011 is charged until NAC
= LMD or discharged until EDV is reached. BRP = 1
signifies that the device has been reset.
The BRP values are:
Where BRP is:
0
bq2011 is charged until NAC = LMD or dis-
charged until the EDV flag is asserted
1
SB rising from below 0.1V, or a serial port
initiated reset has occurred
The maximum cell voltage flag (MCV)
is asserted
whenever the potential on the SB pin (relative to VSS)is
above 2.0V. The MCV flag is asserted until the condi-
tion causing MCV is removed.
The MCV values are:
Where MCV is:
0VSB < 2.0V
1VSB > 2.0V
The capacity inaccurate flag (CI) is used to warn the
user that the battery has been charged a substantial
number of times since LMD has been updated. The CI
flag is asserted on the 64th charge after the last LMD
update or when the bq2011 is reset. The flag is cleared
after an LMD update.
The CI values are:
Where CI is:
0
When LMD is updated with a valid full dis-
charge or the bq2011 is reset
1
After the 64th valid charge action with no
LMD updates
11
bq2011
FLGS1 Bits
76
5
4
3
2
1
0
-
-
MCV
-
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
--
-
CI
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
CHGS
-
--
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
-
BRP
-
-
-
-
-
-
CMDR Bits
76
5
4
3
2
1
0
-
AD6 AD5
AD4
AD3
AD2
AD1
AD0
(LSB)
CMDR Bits
76
5
4
3
2
1
0
W/R
-
--
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com