Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4080X Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 11Page - Linear Technology LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology LTC4080X Datasheet HTML 17Page - Linear Technology LTC4080X Datasheet HTML 18Page - Linear Technology LTC4080X Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC4080X
15
4080Xf
APPLICATIO S I FOR ATIO
BATTERY CHARGER
Programming Charge Current
The battery charge current is programmed using a single
resistor from the PROG pin to ground. The charge current
is 400 times the current out of the PROG pin. The program
resistor and the charge current are calculated using the
following equations:
R
V
I
I
V
R
PROG
BAT
BAT
PROG
==
400
1
400
1
•,
•
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 400
Stability Considerations
The LTC4080X battery charger contains two control loops:
constant-voltage and constant-current. The constant-
voltage loop is stable without any compensation when a
battery is connected with low impedance leads. Excessive
lead length, however, may add enough series inductance
to require a bypass capacitor of at least 1µF from BAT to
GND. Furthermore, a 4.7µF capacitor with a 0.2Ω to 1Ω
series resistor from BAT to GND is required to keep ripple
voltage low when the battery is disconnected.
In constant-current mode, the PROG pin voltage is in
the feedback loop, not the battery voltage. Because of
the additional pole created by PROG pin capacitance,
capacitance on this pin must be kept to a minimum. With
no additional capacitance on the PROG pin, the battery
charger is stable with program resistor values as high
as 25k. However, additional capacitance on this node
reduces the maximum allowed program resistor. The pole
frequency at the PROG pin should be kept above 100kHz.
Therefore, if the PROG pin is loaded with a capacitance,
CPROG, the following equation should be used to calculate
the maximum resistance value for RPROG:
R
kHz C
PROG
PROG
≤
π
1
2
100
••
Average, rather than instantaneous, battery current may be
of interest to the user. For example, when the switching
regulator operating in low-current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 2. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
4080X F02
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
RPROG
LTC4080X
PROG
GND
10k
Figure 2. Isolating Capacitive Load
on PROG Pin and Filtering
Dropout Operation
When the BAT pin voltage approaches VOUT, the duty cycle
of the switching regulator approaches 100%. When VBAT
is approximately equal to VOUT, the regulator is said to be
in dropout. In dropout, the main switch (MP2) stays on
continuously with the output voltage being equal to the
battery voltage minus the voltage drops across the main
switch and the inductor.
OPERATIO
Global Thermal Shutdown
The LTC4080X includes a global thermal shutdown which
shuts off the entire device (battery charger and switch-
ing regulator) if the die temperature exceeds 160°C. The
LTC4080X resumes normal operation once the temperature
drops approximately 14°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com