Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4089 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 1 Page - Linear Technology

  LTC4089 Datasheet HTML 1Page - Linear Technology LTC4089 Datasheet HTML 2Page - Linear Technology LTC4089 Datasheet HTML 3Page - Linear Technology LTC4089 Datasheet HTML 4Page - Linear Technology LTC4089 Datasheet HTML 5Page - Linear Technology LTC4089 Datasheet HTML 6Page - Linear Technology LTC4089 Datasheet HTML 7Page - Linear Technology LTC4089 Datasheet HTML 8Page - Linear Technology LTC4089 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4089/LTC4089-5
1
40895fb
HVIN
BOOST
HVEN
IN
SW
4.7
µF
10
µF
4.7
µF
1
µF
TIMER
CLPROG
LTC4089
GND PROG
HVOUT
HVPR
OUT
BAT
0.1
µF
100k
2k
5V (NOM)
FROM USB
CABLE VBUS
HIGH (6V-36V)
VOLTAGE INPUT
Li-Ion BATTERY
+
1k
TO LDOs
REGS, ETC.
4089 TAO1
VOUT (TYP)
VBAT +0.3V
5V
5V
VBAT
AVAILABLE INPUT
HV INPUT (LTC4089)
HV INPUT (LTC4089-5)
USB ONLY
BAT ONLY
10
µH
0.1
µF
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Burst Mode is a registered trademark of Linear Technology Corporation.
Protected by U.S. Patents including 6522118 and 6700364.
TYPICAL APPLICATIO
USB Power Manager with
High Voltage Switching Charger
The LTC®4089/LTC4089-5 are USB power managers plus
high voltage Li-Ion battery chargers. These devices control
the total current used by the USB peripheral for operation
and battery charging. Battery charge current is automati-
cally reduced such that the sum of the load current and
the charge current does not exceed the programmed input
current limit. The LTC4089/LTC4089-5 also accommodate
high voltage power supplies, such as 12V AC-DC wall
adapters, FireWire, or automotive power.
The LTC4089 provides an adaptive output that tracks the
battery voltage for high efficiency charging from the high
voltage input. The LTC4089-5 provides a fixed 5V output
from the high voltage input to charge single cell Li-Ion
batteries. The charge current is programmable and an
end-of-charge status output (CHRG) indicates full charge.
Also featured is programmable total charge time, an NTC
thermistor input used to monitor battery temperature while
charging and automatic recharging of the battery.
■
Portable USB Devices—GPS Receivers, Cameras,
MP3 Players, PDAs
■
Seamless Transition Between Power Sources: Li-Ion
Battery, USB, and 6V to 36V External Supply
■
High Efficiency 1.2A Charger from 6V to 36V Input
with Adaptive Output Control (LTC4089)
■
Load Dependent Charging from USB Input
Guarantees Current Compliance
■
215m
Internal Ideal Diode plus Optional External
Ideal Diode Controller Provides Low Loss Power
Path When External Supply/USB Not Present
■
Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
without Risk of Overheating
■
Selectable 100% or 20% Current Limit (e.g., 500mA/
100mA) from USB Input
■
Preset 4.2V Charge Voltage with 0.8% Accuracy
■
C/10 Charge Current Detection Output
■
NTC Thermistor Input for Temperature Qualified
Charging
■
Tiny (6mm
3mm
0.75mm) 22-Pin DFN Package
APPLICATIO S
FEATURES
DESCRIPTIO
LTC4089 High Voltage
Battery Charger Efficiency
BATTERY VOLTAGE (V)
2.5
40
45
55
60
65
90
75
3
3.5
4089 TA01b
50
80
85
70
4
4.5
HVIN = 8V
HVIN = 12V
HVIN = 24V
HVIN = 36V
CC CURRENT = 970mA
NO OUTPUT LOAD
FIGURE 10 SCHEMATIC
WITH RPROG = 52k
LTC4089-5
LTC4089


Similar Part No. - LTC4089

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089 Datasheet
391Kb / 52P
Dual-Input Power Manager
LTC4089 LINER-LTC4089 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
logo
Analog Devices
LTC4089 AD-LTC4089 Datasheet
965Kb / 26P
2.5A Supercapacitor Backup Power Manager
01/19-REV.A
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
391Kb / 52P
Dual-Input Power Manager
More results

Similar Description - LTC4089

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
High Efficiency Battery Charger/USB Power Manager
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com