Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4097 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 1 Page - Linear Technology

  LTC4097 Datasheet HTML 1Page - Linear Technology LTC4097 Datasheet HTML 2Page - Linear Technology LTC4097 Datasheet HTML 3Page - Linear Technology LTC4097 Datasheet HTML 4Page - Linear Technology LTC4097 Datasheet HTML 5Page - Linear Technology LTC4097 Datasheet HTML 6Page - Linear Technology LTC4097 Datasheet HTML 7Page - Linear Technology LTC4097 Datasheet HTML 8Page - Linear Technology LTC4097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4097
1
4097f
LTC4097
DCIN
USBIN
IUSB
IDC
BAT
VNTC
HPWR
NTC
ITERM
1.24k
1%
2k
1%
2k
1%
WALL
ADAPTER
USB
PORT
1
µF
1
µF
+
4.2V
SINGLE CELL
Li-Ion BATTERY
800mA (WALL)
100mA/500mA (USB)
4097 TA01
GND
T
TIME (HR)
0
4.2
200
0
400
800
600
1000
1.5
2.5
4097 TA01b
3.6
3.4
5.0
4.0
3.8
2.5
0
0.5
1.0
2.0
3.0
CONSTANT VOLTAGE
USBIN = 5V
TA = 25°C
RIDC = 1.24k
RIUSB = 2k
HPWR = 5V
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
USB/Wall Adapter
Standalone Li-Ion/Polymer
Battery Charger
The LTC®4097 is a standalone linear battery charger that
is capable of charging a single-cell Li-Ion or Li-Polymer
battery from both wall adapter and USB inputs. The charger
can detect power at the inputs and automatically select
the appropriate power source for charging.
No external sense resistor or blocking diode is required
for charging due to the internal MOSFET architecture.
Internal thermal feedback regulates the battery charge
current to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The float voltage is fixed at 4.2V and the charge current
is programmed with an external resistor. The LTC4097
terminates the charge cycle when the charge current drops
below the user programmed termination threshold after
the final float voltage is reached. The LTC4097 can be put
into shutdown mode reducing the DCIN supply current to
20µA, the USBIN supply current to 10µA, and the battery
drain current to less than 2µA even with power applied
to both inputs.
Other features include trickle charge, automatic recharge,
undervoltage lockout, charge status output, an NTC therm-
istor input used to monitor battery temperature and VNTC
power present output with 120mA drive capability.
Dual Input Battery Charger for Single-Cell Li-Ion Battery
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents including 6522118.
■
Charges Single-Cell Li-Ion/Polymer Battery from
Wall Adapter and USB Inputs
■
Automatic Input Detection (Wall Adapter Input has
Charging Priority)
■
Charge Current Programmable up to 1.2A from
Wall Adapter Input
■
Programmable Charge Current Termination
■
NTC Thermistor Input for Temperature Qualified
Charging
■
Independent DC, USB Charge Current Programming
■
Preset Float Voltage with ±0.6% Accuracy
■
Thermal Regulation Maximizes Charge Rate Without
Risk of Overheating*
■
Charge Status Output
■
Automatic Recharge
■
20µA Charger Quiescent Current in Shutdown
■
Available in a Thermally Enhanced, Low Profile
(0.75mm) 12-Lead (3mm × 2mm) DFN Package
■
Cellular Telephones
■
MP3 Players
■
Portable Handheld Devices
Complete Charge Cycle (1100mAh Battery)


Similar Part No. - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
logo
Shanghai Consonance Ele...
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
Standalone Li-ion Battery Charger
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
Standalone Li-ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com