Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4098-1 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 21Page - Linear Technology LTC4098-1 Datasheet HTML 22Page - Linear Technology LTC4098-1 Datasheet HTML 23Page - Linear Technology LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology LTC4098-1 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC4098/LTC4098-1
25
40981fb
rHOT = Ratio of RNTC|HOT to R25
RNOM = Primary thermistor bias resistor (see Figure 9a)
R1 = Optional temperature range adjustment resistor
(see Figure 9b)
The trip points for the LTC4098/LTC4098-1’s temperature
qualification are internally programmed at 0.349 • NTCBIAS
for the hot threshold and 0.765 • NTCBIAS for the cold
threshold.
Therefore, the hot trip point is set when:
R
RR
NTCBIAS
NTCBIAS
NTCHOT
NOM
NTCHOT
|
|
•.
+
= 0 349
and the cold trip point is set when:
R
RR
NTCBIAS
NTCBI
NTC COLD
NOM
NTC COLD
|
|
•.
+
= 0 765
A
AS
adjustment resistor, both the upper and the lower tempera-
ture trip points can be independently programmed with
the constraint that the difference between the upper and
lower temperature thresholds cannot decrease. Examples
of each technique are given below.
NTC thermistors have temperature characteristics which
are indicated on-resistance temperature conversion tables.
The Vishay-Dale thermistor NTHS0603N011-N1003F, used
in the following examples, has a nominal value of 100k
and follows the Vishay curve 1 resistance-temperature
characteristic.
In the explanation below, the following notation is used.
R25 = Value of the thermistor at 25°C
RNTC|COLD = Value of thermistor at the cold trip point
RNTC|HOT = Value of thermistor at the hot trip point
rCOLD = Ratio of RNTC|COLD to R25
+
+
RNOM
100k
RNTC
100k
NTC
0.1V
NTC_ENABLE
40981 F09a
LTC4098/LTC4098-1
NTC BLOCK
TOO_COLD
TOO_HOT
0.765 • NTCBIAS
0.349 • NTCBIAS
+
5
NTCBIAS
4
T
+
+
RNOM
105k
RNTC
100k
R1
12.7k
NTC
0.1V
NTC_ENABLE
40981 F09b
TOO_COLD
TOO_HOT
0.765 • NTCBIAS
0.349 • NTCBIAS
+
5
LTC4098/LTC4098-1
NTC BLOCK
T
NTCBIAS
4
(9a)
(9b)
Figure 9. NTC Circuits
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com