Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4099 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 2 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC4099
2
4099f
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VBUS, WALL (Transient) t < 1ms,
Duty Cycle < 1% ...................................... –0.3V to 7V
VBUS, WALL (Static), BAT, BATSENS, IRQ,
NTC, DVCC ............................................... –0.3V to 6V
SDA, SCL .......... –0.3V to Max (VBUS, VOUT, BAT) + 0.3V
IOVSENS.................................................................±10mA
ICLPROG ....................................................................3mA
IPROG, INTCBIAS .........................................................2mA
IOUT, ISW, IBAT, IVBUS ...................................................2A
Maximum Junction Temperature........................... 125°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
IIRQ.........................................................................50mA
IACPR ......................................................................±5mA
(Notes 1, 2, 3)
The
l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1.02k, RCLPROG = 3.01k, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBUS
Input Supply Voltage
l
4.35
5.5
V
IBUS(LIM)
Total Input Current
100mA Mode
500mA Mode
620mA Mode
790mA Mode
1A Mode
1.2A Mode
Low Power Suspend Mode
High Power Suspend Mode
l
l
l
l
88
460
580
725
920
1150
0.30
1.6
93
485
620
790
965
1220
0.37
2.05
100
500
650
850
1000
1295
0.5
2.5
mA
mA
mA
mA
mA
mA
mA
mA
IVBUSQ (Note 4) Input Quiescent Current
100mA Mode
500mA, 620mA, 790mA, 1A, 1.2A Modes
Low Power Suspend Mode
High Power Suspend Mode
6
15
0.039
0.037
mA
mA
mA
mA
PIN CONFIGURATION
20 19 18 17
7
8
TOP VIEW
21
PDC PACKAGE
20-LEAD (3mm
4mm) PLASTIC UTQFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
OVGATE
NTC
NTCBIAS
VC
WALL
BATSENS
SCL
DVCC
SW
VBUS
VOUT
BAT
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4099EPDC#PBF
LTC4099EPDC#TRPBF
DQKT
20-Lead (3mm
× 4mm) Plastic UTQFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com